Electronic Components Datasheet Search
  English  ▼

X  

THCS132 Datasheet(PDF) 10 Page - THine Electronics, Inc.

Part # THCS132
Description  No External Clock Required
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS132 Datasheet(HTML) 10 Page - THine Electronics, Inc.

Back Button THCS132 Datasheet HTML 6Page - THine Electronics, Inc. THCS132 Datasheet HTML 7Page - THine Electronics, Inc. THCS132 Datasheet HTML 8Page - THine Electronics, Inc. THCS132 Datasheet HTML 9Page - THine Electronics, Inc. THCS132 Datasheet HTML 10Page - THine Electronics, Inc. THCS132 Datasheet HTML 11Page - THine Electronics, Inc. THCS132 Datasheet HTML 12Page - THine Electronics, Inc. THCS132 Datasheet HTML 13Page - THine Electronics, Inc. THCS132 Datasheet HTML 14Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
THCS132_Rev.1.01_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
10/19
Connection Examples (Mode A, B, C, D)
Serialize
Deserialize
DIN[15:0]
DOUT[15:0]
Mode A
Mode B
Serialize
&
Deserialize
Serialize
&
Deserialize
Mode C
Mode D
DIN[7:0]
DOUT[7:0]
DIN[7:0]
DOUT[7:0]
Parallel I/O Pin Function (Mode E, F, G)
WIDTH
Low (8bit Upper・Lower)
BID
Low (Uni-direction)
Low (Uni-direction)
High (Bi-direction)
DIR
Low (Transmitter)
High (Transmitter)
Low (Master)
Mode
E
F
G
I/O
Function Name
I/O
Function Name
I/O
Function Name
DATA0
I
DIN0
O
DOUT0
IO
DIO0
DATA1
-
-
-
-
-
-
DATA2
I
DIN1
O
DOUT1
IO
DIO1
DATA3
-
-
-
-
-
-
DATA4
I
DIN2
O
DOUT2
IO
DIO2
DATA5
-
-
-
-
-
-
DATA6
I
DIN3
O
DOUT3
IO
DIO3
DATA7
-
-
-
-
-
-
DATA8
I
LEN_L
I
OEN_L
I
LEN
DATA9
I
LEN_U
I
OEN_U
I
OEN
DATA10
I
Low
I
Low
I
Low
DATA11
I
Low
I
Low
I
Low
DATA12
I
DIN4
O
DOUT4
IO
DIO4
DATA13
I
DIN5
O
DOUT5
IO
DIO5
DATA14
I
DIN6
O
DOUT6
IO
DIO6
DATA15
I
DIN7
O
DOUT7
IO
DIO7
*Non-functional pins marked as “-” are pulled up by 500kΩ internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com