Electronic Components Datasheet Search
  English  ▼

X  

SE79XX Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SE79XX
Description  Negative Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE79XX Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SE79XX_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE79XX_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE79XX_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SE79XX_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SE79xx-B Series
3-Terminal
Negative Voltage Regulator
17-Oct-2010 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SE7905 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ=0~125°C, IO=500mA, VIN= -10V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN= -10V, IO=500mA, TJ=25°C
-4.8
-5
-5.2
VO
-7.5V≦VIN≦-20V, 5mA≦IO≦1A, PD≦15W
-4.75
-5
-5.25
V
-7V≦VIN≦-25V, TJ=25°C
-
12.5
50
V
O (Line Regulation)
-8V≦VIN≦-12V, TJ=25°C
-
4
15
mV
5mA≦IO≦1.5A, TJ=25°C
-
15
100
V
O (Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
5
50
mV
IQ
TJ=25°C
-
1.5
2
mA
5mA≦IO≦1A
-
-
0.5
I
Q
-7V≦VIN≦-25V
-
-
0.5
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
125
-
μV
RR
-8V≦VIN≦-18V, f=120Hz
54
60
-
dB
VD
Io=1A, TJ=25°C
-
1.1
-
V
Ipk
TJ=25°C
-
2.1
-
A
V
O / Tj
IO=5mA
-
-0.4
-
mV / °C
SE7906 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125°C, IO=500mA, VIN= -11V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN= -11V, IO=500mA, TJ=25°C
-5.75
-6
-6.25
VO
-8V≦VIN≦-21V, 5mA≦IO≦1A, PD≦15W
-5.7
-6
-6.3
V
-8V≦VIN≦-25V, TJ=25°C
-
12.5
120
V
O (Line Regulation)
-9V≦VIN≦-13V, TJ=25°C
-
4
60
mV
5mA≦IO≦1.5A, TJ=25°C
-
15
120
V
O (Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
5
60
mV
IQ
TJ=25°C
-
1.5
2
mA
5mA≦IO≦1A
-
-
0.5
I
Q
-8V≦VIN≦-25V
-
-
1.3
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
150
-
μV
RR
-9V≦VIN≦-19V, f=120Hz
54
60
-
dB
VD
Io=1A, Tj=25°C
-
1.1
-
V
Ipk
TJ=25°C
-
2.1
-
A
V
O / Tj
IO=5mA
-
-0.4
-
mV / °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com