Electronic Components Datasheet Search
  English  ▼

X  

IRFD214 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFD214
Description  Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFD214 Datasheet(HTML) 1 Page - International Rectifier

  IRFD214 Datasheet HTML 1Page - International Rectifier IRFD214 Datasheet HTML 2Page - International Rectifier IRFD214 Datasheet HTML 3Page - International Rectifier IRFD214 Datasheet HTML 4Page - International Rectifier IRFD214 Datasheet HTML 5Page - International Rectifier IRFD214 Datasheet HTML 6Page - International Rectifier IRFD214 Datasheet HTML 7Page - International Rectifier IRFD214 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10 V
0.45
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10 V
0.29
A
IDM
Pulsed Drain Current
3.6
PD @TC = 25°C
Power Dissipation
1.0
W
Linear Derating Factor
0.0083
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
57
mJ
IAR
Avalanche Current
0.45
A
EAR
Repetitive Avalanche Energy
0.10
mJ
dv/dt
Peak Diode Recovery dv/dt
4.8
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
IRFD214
HEXFET® Power MOSFET
PD -9.1271
Revision 0
VDSS = 250V
RDS(on) = 2.0Ω
ID = 0.45A
Absolute Maximum Ratings
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJA
Junction-to-Ambient
—
—
120
°C/W
Dynamic dv/dt Rating
Repetitive Avalanche Rated
For Automatic Insertion
End Stackable
Fast Switching
Ease of paralleling
Simple Drive Requirements
Third Generation HEXFETs from International Rectifier provide the designer
with the best combination of fast switching, ruggedized device design, low on-
resistance and cost-effectiveness.
The 4-pin DIP package is a low-cost machine-insertable case style which can be
stacked in multiple combinations on standard 0.1 inch pin centers. The dual drain
serves as a thermal link to the mounting surface for power dissipation levels up to
1 watt.
Description
A
HD-1
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFD214

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFD214 VISHAY-IRFD214 Datasheet
401Kb / 8P
Power MOSFET
29-May-08
IRFD214 VISHAY-IRFD214 Datasheet
414Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD214PBF IRF-IRFD214PBF Datasheet
923Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFD214PBF VISHAY-IRFD214PBF Datasheet
401Kb / 8P
Power MOSFET
29-May-08
IRFD214 VISHAY-IRFD214_V01 Datasheet
414Kb / 9P
Power MOSFET
30-Aug-2021
More results

Similar Description - IRFD214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFI624G IRF-IRFI624G Datasheet
170Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.4A)
IRFL214 IRF-IRFL214 Datasheet
174Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.79A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
IRFPE40 IRF-IRFPE40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFR214 IRF-IRFR214 Datasheet
169Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com