Electronic Components Datasheet Search
  English  ▼

X  

IRFD320 Datasheet(PDF) 5 Page - International Rectifier

Part # IRFD320
Description  Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFD320 Datasheet(HTML) 5 Page - International Rectifier

  IRFD320 Datasheet HTML 1Page - International Rectifier IRFD320 Datasheet HTML 2Page - International Rectifier IRFD320 Datasheet HTML 3Page - International Rectifier IRFD320 Datasheet HTML 4Page - International Rectifier IRFD320 Datasheet HTML 5Page - International Rectifier IRFD320 Datasheet HTML 6Page - International Rectifier IRFD320 Datasheet HTML 7Page - International Rectifier IRFD320 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFD320
Fig 10a. Switching Time Test Circuit
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com