Electronic Components Datasheet Search
  English  ▼

X  

IRFD420 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFD420
Description  Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=0.37A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFD420 Datasheet(HTML) 1 Page - International Rectifier

  IRFD420 Datasheet HTML 1Page - International Rectifier IRFD420 Datasheet HTML 2Page - International Rectifier IRFD420 Datasheet HTML 3Page - International Rectifier IRFD420 Datasheet HTML 4Page - International Rectifier IRFD420 Datasheet HTML 5Page - International Rectifier IRFD420 Datasheet HTML 6Page - International Rectifier IRFD420 Datasheet HTML 7Page - International Rectifier IRFD420 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10 V
0.37
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10 V
0.23
A
IDM
Pulsed Drain Current
3.0
PD @TC = 25°C
Power Dissipation
1.0
W
Linear Derating Factor
0.0083
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
51
mJ
IAR
Avalanche Current
0.37
A
EAR
Repetitive Avalanche Energy
0.10
mJ
dv/dt
Peak Diode Recovery dv/dt
3.5
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
IRFD420
HEXFET® Power MOSFET
PD -9.1227
Revision 0
VDSS = 500V
RDS(on) = 3.0Ω
ID = 0.37A
Absolute Maximum Ratings
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJA
Junction-to-Ambient
—
—
120
°C/W
Dynamic dv/dt Rating
Repetitive Avalanche Rated
For Automatic Insertion
End Stackable
Fast Switching
Ease of paralleling
Simple Drive Requirements
Third Generation HEXFETs from International Rectifier provide the designer
with the best combination of fast switching, ruggedized device design, low on-
resistance and cost-effectiveness.
The 4-pin DIP package is a low-cost machine-insertable case style which can be
stacked in multiple combinations on standard 0.1 inch pin centers. The dual drain
serves as a thermal link to the mounting surface for power dissipation levels up to
1 watt.
Description
A
HD-1
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFD420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFD420 VISHAY-IRFD420 Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
IRFD420 VISHAY-IRFD420 Datasheet
399Kb / 9P
Power MOSFET
30-Aug-2021
IRFD420PBF VISHAY-IRFD420PBF Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
IRFD420PBF VISHAY-IRFD420PBF Datasheet
399Kb / 9P
Power MOSFET
30-Aug-2021
IRFD420 VISHAY-IRFD420_V01 Datasheet
399Kb / 9P
Power MOSFET
30-Aug-2021
More results

Similar Description - IRFD420

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IFRI820G IRF-IFRI820G Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
IRF820 IRF-IRF820 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF820A IRF-IRF820A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF820AS IRF-IRF820AS Datasheet
133Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFD9210 IRF-IRFD9210 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-0.40A)
IRFR420 IRF-IRFR420 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.4A)
IRFRU9214 IRF-IRFRU9214 Datasheet
107Kb / 10P
Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com