Electronic Components Datasheet Search
  English  ▼

X  

IRFD9120 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFD9120
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFD9120 Datasheet(HTML) 1 Page - International Rectifier

  IRFD9120 Datasheet HTML 1Page - International Rectifier IRFD9120 Datasheet HTML 2Page - International Rectifier IRFD9120 Datasheet HTML 3Page - International Rectifier IRFD9120 Datasheet HTML 4Page - International Rectifier IRFD9120 Datasheet HTML 5Page - International Rectifier IRFD9120 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFD9120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD9120 INTERSIL-IRFD9120 Datasheet
52Kb / 6P
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFD9120 VISHAY-IRFD9120 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFD9120 VISHAY-IRFD9120 Datasheet
1,020Kb / 9P
Power MOSFET
30-Aug-2021
logo
SYC Electronica
IRFD9120 SYC-IRFD9120 Datasheet
128Kb / 6P
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
logo
Vishay Siliconix
IRFD9120PBF VISHAY-IRFD9120PBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results

Similar Description - IRFD9120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
448IRF IRF-448IRF Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRFD110 IRF-IRFD110 Datasheet
174Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRLML5103 IRF-IRLML5103 Datasheet
193Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)
JANTX2N6845 IRF-JANTX2N6845 Datasheet
232Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com