Electronic Components Datasheet Search
  English  ▼

X  

IRFI640G Datasheet(PDF) 1 Page - International Rectifier

Part # IRFI640G
Description  Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.8A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI640G Datasheet(HTML) 1 Page - International Rectifier

  IRFI640G Datasheet HTML 1Page - International Rectifier IRFI640G Datasheet HTML 2Page - International Rectifier IRFI640G Datasheet HTML 3Page - International Rectifier IRFI640G Datasheet HTML 4Page - International Rectifier IRFI640G Datasheet HTML 5Page - International Rectifier IRFI640G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFI640G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI640G VISHAY-IRFI640G Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
logo
Kersemi Electronic Co.,...
IRFI640G KERSEMI-IRFI640G Datasheet
4Mb / 7P
Power MOSFET
logo
Vishay Siliconix
IRFI640G VISHAY-IRFI640G Datasheet
1Mb / 8P
Power MOSFET
19-Jan-09
IRFI640G VISHAY-IRFI640G Datasheet
966Kb / 10P
Power MOSFET
11-Oct-2021
logo
Inchange Semiconductor ...
IRFI640G ISC-IRFI640G Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRFI640G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFI9640G IRF-IRFI9640G Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
IRFP240 IRF-IRFP240 Datasheet
165Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=20A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRLI640G IRF-IRLI640G Datasheet
332Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.9A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com