Electronic Components Datasheet Search
  English  ▼

X  

B096032 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B096032
Description  32-Port Serial Console-Terminal Server
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B096032 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B096032 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B096032 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B096032 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Supports 3G cellular out-of-band access. The USB port on the console server is compatible with the Pantech ULM290 VZW and the following Sierra
Wireless USB modems; Compass 888, USB 598, USB 598U, USB 312U, USB 308, and U313.
16GB local FTP/TFTP storage for device configuration files
IPsec VPN support
Secure Shell (SSH V2 and V3)
TACACS+ , RADIUS, LDAP and Kerberos authentication
PAP/CHAP authentication (dial up)
Local authentication
System event syslog
SSH port and IP forwarding support
IP packet filtering
Break over SSH support
Port triggers with SMNP and email alerts
Offline data logging (Syslog, NFS, CIFS)
Online data buffering and logging
Multiple users per port (with port sniffing)
Telnet/SSH/Raw TCP connect
RFC 2217 - Port Redirection
Integrated AJAX serial console and system terminal via web interface
Native IPMI 1.5 and 2.0 (RMCP/RMCP+) support for BMC and service processor access and control
Service processor access (IPMI, ILO, LOM and more)
Access to KVM built in to service processors (DRAC, RSA)
Limit user access by LAN device and SDT service for that device
Port triggers with SMNP and email alerts for all tunnel traffic
Each gateway can port forward to an unlimited number of locally networked hosts (computers, routers)
Embedded DHCP server for management LAN devices
Network UPS Tools for UPS Monitoring and Management
PowerMan for PDU and RPC Management
Command Line interface (Linux Shell)
NAGIOS distributed monitoring
Out-of-band (dial-up modem access) included - V.92 Serial Data/Fax Embedded Modem 3.3V Model, 14.4K Fax
Linux with source code access
Constructed of heavy-duty steel housing
1U rackmount
Specifications
OVERVIEW
Multi-User
Yes
IP Remote Access
Yes
INPUT
Maximum Input Amps
0.8
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com