Electronic Components Datasheet Search
  English  ▼

X  

M100006WH Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # M100006WH
Description  White USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

M100006WH Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  M100006WH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved M100006WH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
White USB Sync / Charge Cable with Lightning
Connector, 6-ft. (1.8M)
MODEL NUMBER: M100-006-WH
Description
Tripp Lite's M100-006-WH 6ft White USB Sync / Charge Cable with Lightning connector allows for Uploading /
Downloading data to and from the latest generation of iPhone, iPad, and iPod devices, while charging the
devices at the same time. Cables are MFI Certified, so they are made for use with iPhone 5, 5c, 5s, 6, 6 Plus,
iPad (4th generation), iPad mini, mini 2, mini 3, iPad Air, Air 2, iPod Touch (5th generation), and iPod nano (7th
generation).Reversible Lightning connector allows plug-ability in either direction to the device. 2-Year Limited
Warranty.
Features
6ft White USB Sync / Charge Cable with Lightning Connector
MFI Certified - Made for iPhone 5, 5c, 5s, 6, 6 Plus, iPad (4th generation), iPad mini, mini 2, mini 3, iPad Air,
Air 2, iPod Touch (5th generation), and iPod nano (7th generation).
2-Year Limited Warranty
Specifications
OVERVIEW
Chromebook Compatible
No
Model Type
Connectivity
Cable Types
USB
OUTPUT
USB Charging
Yes
Highlights
Sync / Charge Cable with
Lightning Connector
MFI Certified - Made for iPhone
5, 5c, 5s, 6, 6 Plus, iPad (4th
generation), iPad mini, mini 2,
mini 3, iPad Air, Air 2, iPod Touch
(5th generation), and iPod nano
(7th generation).
2-Year Limited Warranty
Applications
Sync and Charge your iPhone,
iPad, or iPod device
System Requirements
USB computer or wall adapter
MFI Certified - Made for iPhone
5, 5c, 5s, 6, 6 Plus, iPad (4th
generation), iPad mini, mini 2,
mini 3, iPad Air, Air 2, iPod Touch
(5th generation), and iPod nano
(7th generation).
Package Includes
6ft (1.8M) White USB Sync /
Charge Cable with Lightning
Connector
1 / 2


Similar Part No. - M100006WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100006BK TRIPPLITE-M100006BK Datasheet
472Kb / 2P
Black USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
More results

Similar Description - M100006WH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100003BK TRIPPLITE-M100003BK Datasheet
471Kb / 2P
Black USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100003WH TRIPPLITE-M100003WH Datasheet
479Kb / 2P
White USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100006BK TRIPPLITE-M100006BK Datasheet
472Kb / 2P
Black USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
M100-003-BK TRIPPLITE-M100-003-BK Datasheet
468Kb / 2P
USB Sync / Charge Cable with Lightning Connector - Black , 3-ft. (1M)
M100-003-WH TRIPPLITE-M100-003-WH Datasheet
476Kb / 2P
USB Sync / Charge Cable with Lightning Connector - White , 3-ft. (1M)
M100-006-BK TRIPPLITE-M100-006-BK Datasheet
469Kb / 2P
USB Sync / Charge Cable with Lightning Connector - Black, 6-ft. (1.8M)
M100-006-WH TRIPPLITE-M100-006-WH Datasheet
477Kb / 2P
USB Sync / Charge Cable with Lightning Connector - White, 6-ft. (1.8M)
M100-010-WH TRIPPLITE-M100-010-WH Datasheet
475Kb / 2P
USB Sync/Charge Cable with Lightning Connector, White, 10 ft. (3 m)
M100-006-HD TRIPPLITE-M100-006-HD Datasheet
165Kb / 3P
Heavy-Duty USB Sync/Charge Cable with Lightning Connector, 6 ft. (1.8 m)
logo
IOGEAR
GUL02 IOGEAR-GUL02 Datasheet
130Kb / 3P
Charge & Sync Cable, 6.5 ft. (2m) - USB to Lightning Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com