Electronic Components Datasheet Search
  English  ▼

X  

U222004R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U222004R
Description  4-Port USB 2.0 Hi-Speed Ultra-Mini Compact Hub with Power Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U222004R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U222004R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U222004R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-Port USB 2.0 Hi-Speed Ultra-Mini Compact Hub
with Power Adapter
MODEL NUMBER: U222-004-R
Description
The ultra small 4-port USB 2.0 hub is the most versatile and powerful hub on the market. This USB 2.0 hub
allows you to connect up to four USB devices to a single USB port on a PC/Mac/laptop. Meets or Exceeds USB
2.0 Specifications for hi-speed data transmission rates up to 480Mbps. Perfect for both the desktop and mobile
user. For the mobile user, this full featured hub with built-in cable is pocket size and an ideal solution for the user on the go. All four ports support USB Battery
Charging ( BC ) specification v1.2, providing up to 1.5A for fast charging of mobile devices. Includes a 110/220V, 5V 2A power adapter. This USB 2.0 device
is backwards compatible so that it will function with both USB 2.0 devices as well as USB 1.1 peripherals. Comes in a clamshell retail package.
Features
USB2.0 Hub - 4-Port
Supports all data transfer rates up to 480Mbps
Compact design with built-in cable (6-in.), perfect for travel
Plug-and-play/hot-swappable allows you to add or remove a device at any time
Diagnostic LEDs indicate power and port status
Bus-powered or self-powered
All four ports support USB Battery Charging ( BC ) specification v1.2, providing up to 1.5A for fast charging of mobile devices
Includes 110/220V, 5V 2A power adapter
Compatible with all major operating systems
Specifications
OVERVIEW
Chromebook Compatible
Yes
Model Type
Hubs
Highlights
Link multiple USB devices to 1
computer with ultra-compact hub
Meets or Exceeds USB 2.0
Specifications
Includes 110/220V, 5V 2A power
adapter
All four ports support USB
Battery Charging ( BC )
specification v1.2, providing up to
1.5A for fast charging of mobile
devices
Applications
Notebook and desktop computers
Package Includes
U222-004-R USB2.0 4-Port
Ultra-Mini Hub
Compact 110/220V, 5V 2A AC
power adapter, with NEMA 1-15P
plug
1 / 2


Similar Part No. - U222004R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U222004 TRIPPLITE-U222004 Datasheet
478Kb / 2P
4-Port USB 2.0 Hi-Speed Ultra-Mini Hub
More results

Similar Description - U222004R

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
USB4604 SMSC-USB4604 Datasheet
1Mb / 71P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
logo
List of Unclassifed Man...
U222-004-R ETC2-U222-004-R Datasheet
496Kb / 3P
4-Port USB 2.0 Hi-Speed Ultra-Mini Hub with power adapter
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222004 TRIPPLITE-U222004 Datasheet
478Kb / 2P
4-Port USB 2.0 Hi-Speed Ultra-Mini Hub
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
4-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB4604 MICROCHIP-USB4604 Datasheet
640Kb / 62P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB84604 MICROCHIP-USB84604 Datasheet
730Kb / 61P
USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
06/23/16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com