Electronic Components Datasheet Search
  English  ▼

X  

IRFIB7N50A Datasheet(PDF) 1 Page - International Rectifier

Part # IRFIB7N50A
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB7N50A Datasheet(HTML) 1 Page - International Rectifier

  IRFIB7N50A Datasheet HTML 1Page - International Rectifier IRFIB7N50A Datasheet HTML 2Page - International Rectifier IRFIB7N50A Datasheet HTML 3Page - International Rectifier IRFIB7N50A Datasheet HTML 4Page - International Rectifier IRFIB7N50A Datasheet HTML 5Page - International Rectifier IRFIB7N50A Datasheet HTML 6Page - International Rectifier IRFIB7N50A Datasheet HTML 7Page - International Rectifier IRFIB7N50A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6/15/99
www.irf.com
1
IRFIB7N50A
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply ( SMPS )
l Uninterruptable Power Supply
l High speed power switching
l High Voltage Isolation = 2.5KVRMS
‡
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss specified ( See AN 1001)
VDSS
Rds(on) max
ID
500V
0.52
6.6A
Applicable Off Line SMPS Topologies:
l Two Transistor Forward
Notes
 through ‡are on page 8
S
D
G
l Half & Full Bridge Convertors
TO-220 FULLPAK
l Power Factor Correction Boost
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
6.6
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
4.2
A
IDM
Pulsed Drain Current
†
44
PD @TC = 25°C
Power Dissipation
60
W
Linear Derating Factor
0.48
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
Ġ
6.9
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
PD - 91810


Similar Part No. - IRFIB7N50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIB7N50A VISHAY-IRFIB7N50A Datasheet
163Kb / 8P
Power MOSFET
13-Apr-09
logo
Inchange Semiconductor ...
IRFIB7N50A ISC-IRFIB7N50A Datasheet
318Kb / 2P
iscN-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFIB7N50A ETC2-IRFIB7N50A Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Vishay Siliconix
IRFIB7N50A VISHAY-IRFIB7N50A Datasheet
198Kb / 10P
Power MOSFET
11-Oct-2021
logo
International Rectifier
IRFIB7N50APBF IRF-IRFIB7N50APBF Datasheet
194Kb / 8P
SMPS MOSFET
More results

Similar Description - IRFIB7N50A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF820AS IRF-IRF820AS Datasheet
133Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFRU9120N IRF-IRFRU9120N Datasheet
117Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com