Electronic Components Datasheet Search
  English  ▼

X  

RFPO40 Datasheet(PDF) 1 Page - TEMEX

Part # RFPO40
Description  The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPO40 Datasheet(HTML) 1 Page - TEMEX

  RFPO40 Datasheet HTML 1Page - TEMEX RFPO40 Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IC OCXO | MERCURY ™  MINIATURE SERIES 
 
 
www.rakon.com 
 
sales@rakon.com 
Page 1 of 2 
 
RFPO40 
The RFPO40 is from the world’s smallest and first ASIC‐based OCXO product family and utilizes Rakon’s patented Mercury™ ASIC technology. 
It delivers temperature stability as low as ±10ppb (over ‐20 to 70°C) and is capable of short term aging typically less than ±2ppb per day. 
With a highly integrated oven included, the RFPO40 ensures short warm‐up times and consumes very low power – only 350mW at room 
temperature. The ASIC architecture delivers a 1000x reliability improvement when compared to traditional discrete OCXOs. 
 
Standard Specifications 
Parameter  
Min. 
Typ. 
Max. 
Unit 
Test Condition / Description  
Nominal frequency 
 
5 – 50 
 
MHz 
Standard frequencies: 10, 12.8, 19.2, 19.44, 20, 
24.576, 25, 26, 30.72 and 40MHz 
Frequency calibration  
 
 
±0.5 
ppm 
Initial accuracy at 25°C ±2°C  
Reflow shift 
 
 
±1 
ppm 
Pre to post reflow ∆F (measured ≥ 60 minutes 
after reflow) 
Frequency stability over temperature in 
still air 
  
±10 – 
±100 
ppb 
Reference to (FMAX + FMIN)/2 
Frequency slope ΔF/ΔT in still air 
 
 
±0.5 – ±2 
ppb/°C 
Temperature ramp ≤ 1°C/minute 
Operating temperature range ‐40  
85 
°C  
Supply voltage stability 
 
±10 
 
ppb 
±5% variation, frequency ≤ 26MHz 
Load sensitivity  
±10  
ppb 
±5pF / ±10% variation, frequency ≤ 26MHz 
Warm‐up time 
 
< 3 
 
minutes 
The time needed for the frequency to be within 
±20ppb of the frequency after 1 hour, at 25°C. 
This parameter is frequency, assembly and 
operating history dependent 
Acceleration sensitivity  
< 2  
ppb/g 
Gamma vector of all 3 axes, 30 to 1500Hz 
Long term stability (ageing) 
 
 
< ±2 
 
 
±1 
±3 
ppb 
ppm 
ppm 
Per day (after 30 days of continuous operation) 
First year 
10 years 
Root Allan Variance (20MHz)  
7.10‐11  
 
tau = 1.0s 
Supply voltage (Vcc) 
 
2.7 – 5.5 
 
V 
±5% 
Input power (warm up)  
1000 
800 
 
mW 
mW 
‐40 to 85°C devices 
‐20 to 70°C devices 
Input power (steady state in still air at 
25°C) 
 
 
400 
350 
mW 
mW 
‐40 to 85°C devices 
‐20 to 70°C devices 
Control voltage (Vc)  
0.5 – 2.5  
V 
The GND of Vc needs to be connected directly to 
pin 2 as ground lead impedance may cause 
performance degradation 
Frequency tuning 
 
±5 
 
ppm 
Reference to frequency at Vc=1.5V 
Slope  
+8  
ppm/V  
Linearity 
 
 
1 
% 
Deviation from linear over control voltage range 
in accordance with MIL‐PRF‐55310 
Port input impedance 
80  
 
kΩ 
 
Modulation bandwidth 
 
3.5 
 
kHz 
 
Oscillator output – C/Sinewave 
0.8 
1.1  
Vpk‐pk 
At minimum supply voltage, 10kΩ//10pF load 
Oscillator output – HCMOS 
Output voltage level high (VOH) 
Output voltage level high (VOL) 
Duty cycle 
Rise and fall times 
Load 
 
 
90% Vcc 
45 
 
0 
 
 
 
 
 
15 
 
10% Vcc 
 
55 
4 
30 
 
V 
V 
% 
ns 
pF 
 
 
 
At 50% level 
10 to 90% 
 
Features 
Applications  
9.7 x 7.5 x 4.3
 mm 
Small form factor 
Frequency stability over temperature as low as 
±10ppb over ‐20 to 70°C 
Low power consumption 
High reliability 
Small Cells  
Switches and Routers 
Time & Frequency References 
SyncE and IEEE 1588  
 
 
 


Similar Part No. - RFPO40

ManufacturerPart #DatasheetDescription
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
logo
Rakon Limited
RFPO45 RAKON-RFPO45 Datasheet
407Kb / 2P
IC OCXO | MERCURY ™ MINIATURE SERIES
RFPO45PSBLF RAKON-RFPO45PSBLF Datasheet
407Kb / 2P
IC OCXO | MERCURY ™ MINIATURE SERIES
RFPO45PXBLF RAKON-RFPO45PXBLF Datasheet
407Kb / 2P
IC OCXO | MERCURY ™ MINIATURE SERIES
RFPO45RSBLF RAKON-RFPO45RSBLF Datasheet
407Kb / 2P
IC OCXO | MERCURY ™ MINIATURE SERIES
More results

Similar Description - RFPO40

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
The world?셲 smallest surface mount tantalum capacitor
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
AVX Corporation
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
The world?셲 smallest surface mount tantalum capacitor
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
RFPO50 TEMEX-RFPO50 Datasheet
271Kb / 2P
The RFPO50 is from the world?셲 first ASIC?륿ased OCXO product
RFPO55 TEMEX-RFPO55 Datasheet
391Kb / 2P
The RFPO55 is from the world?셲 first ASIC.based OCXO product
RFPO60 TEMEX-RFPO60 Datasheet
261Kb / 2P
The RFPO60 is from the world?셲 first ASIC.based OCXO product
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com