Electronic Components Datasheet Search
  English  ▼

X  

RFPO60 Datasheet(PDF) 2 Page - TEMEX

Part # RFPO60
Description  The RFPO60 is from the world?셲 first ASIC.based OCXO product
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPO60 Datasheet(HTML) 2 Page - TEMEX

  RFPO60 Datasheet HTML 1Page - TEMEX RFPO60 Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IC OCXO 
| MERCURY ™  DIL SERIES 
 
 
www.rakon.com 
sales@rakon.com 
Page 2 of 2 
 
SSB Phase Noise (Typical Value at 25°C) 
 
 
Model Outline and Recommended Pad Layout 
 
 
Model Code Builder 
 
 
RMS Jitter from 290 to 620 fs, 
depending on the nominal frequency 
(12 kHz ~ 5 MHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com