Electronic Components Datasheet Search
  English  ▼

X  

RFPO65 Datasheet(PDF) 1 Page - TEMEX

Part # RFPO65
Description  The RFPO65 is from the world?셲 first ASIC.based OCXO product
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPO65 Datasheet(HTML) 1 Page - TEMEX

  RFPO65 Datasheet HTML 1Page - TEMEX RFPO65 Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IC OCXO 
| MERCURY ™  DIL SERIES 
 
 
www.rakon.com 
sales@rakon.com 
Page 1 of 2 
 
RFPO65 
The RFPO65 is from the world’s first ASIC‐based OCXO product family and utilizes Rakon’s patented Mercury™ ASIC technology. This Stratum 
3 compliant oscillator delivers temperature stability as low as ±10ppb (over ‐20 to 70°C) and is capable of short term aging of typically less 
than ±2ppb per day. 
With a highly integrated oven included, the RFPO65 ensures short warm‐up times and consumes very low power – only 350mW at room 
temperature. The ASIC architecture delivers a 1000x reliability improvement when compared to traditional discrete OCXOs. The RFPO65 is 
available in an industry standard, Dual‐In‐Line (DIL) package. 
 
Standard Specifications 
Parameter  
Min. 
Typ. 
Max. 
Unit 
Test Condition / Description  
Nominal frequency 
 
10 – 26 
 
MHz 
Standard frequencies: 10, 12.8, 19.2, 19.44, 20, 
24.576, 25 and 26MHz 
Frequency calibration  
 
 
±0.5 
ppm 
Initial accuracy at 25°C ±2°C  
Reflow shift 
 
 
±1 
ppm 
Pre to post reflow ∆F (measured ≥ 60 minutes 
after reflow) 
Frequency stability over temperature in 
still air 
  
±10 – 
±100 
ppb 
Reference to (FMAX + FMIN)/2 
Frequency slope ΔF/ΔT in still air 
 
 
±0.5 – ±2 
ppb/°C 
Temperature ramp ≤ 1°C/minute 
Operating temperature range ‐40  
85 
°C  
Supply voltage stability 
 
±10 
 
ppb 
±5% variation, frequency ≤ 26MHz 
Load sensitivity  
±10  
ppb 
±5pF / ±10% variation, frequency ≤ 26MHz 
Warm‐up time 
 
<3 
 
minutes 
The time needed for the frequency to be within 
±20ppb of the frequency after 1 hour, at 25°C. 
This parameter is frequency, assembly and 
operating history dependent 
Acceleration sensitivity  
<2  
ppb/g 
Gamma vector of all 3 axes, 30 to 1500Hz 
Holdover drift 
 
< ±2.5 – 
±4 
 
ppb 
24 hours, temperature variation ≤ ±1°C. After 30 
days of continuous operation 
Free‐run accuracy  
±4.6  
ppm 
All causes, 20 years life, reference to nominal fr 
Loop bandwidth for wander generation 
compliance 
3 
 
 
mHz 
MTIE compliant with GR‐1244 Fig 5‐5 & G.812 
Type III Fig1 (≤100 ns), TDEV compliant with GR‐
1244 Fig 5‐4 & G.812 Type III Fig2 (≤10 ns), 
oscillator stabilised 24 hours at Constant 
temperature (±1°C, still air), data collected over 
100,000 seconds at 1 second intervals (‐3dB cut‐
off, 2nd order high pass loop filter) 
Long term stability (ageing)  
<±2  
±1 
±3 
ppb 
ppm 
ppm 
Per day (after 30 days of continuous operation) 
First year 
10 years 
Root Allan Variance (20 MHz) 
 
7.10‐11 
 
 
tau = 1.0s 
Supply voltage (Vcc)  
2.7 – 5.5  
V 
±5% 
Input power (warm up) 
 
1000 
 
mW 
‐40 to 85°C devices 
Input power (steady state in still air, 25°C)  
 
400 
mW ‐40 to 85°C devices 
Oscillator output – C/Sinewave 
0.8 
1.1 
 
Vpk‐pk 
At minimum supply voltage, 10kΩ//10pF load 
Oscillator output – HCMOS 
Output voltage level high (VOH) 
Output voltage level high (VOL) 
Duty cycle 
Rise and fall times 
Load 
 
 
90% Vcc 
45 
 
0 
 
 
 
 
 
15 
 
10% Vcc 
 
55 
4 
30 
 
V 
V 
% 
ns 
pF 
 
 
 
At 50% level 
10 to 90% 
 
Features 
Applications  
21.7 x 13.08 x 8.65 
mm 
Frequency stability over temperature as low as 
±10ppb over ‐20 to 70°C 
Low power consumption 
High reliability 
Stratum 3 
Small Cells  
Switches and Routers 
Time & Frequency References 
SyncE and IEEE 1588 
 
 
 


Similar Part No. - RFPO65

ManufacturerPart #DatasheetDescription
logo
TEMEX
RFPO60 TEMEX-RFPO60 Datasheet
261Kb / 2P
The RFPO60 is from the world?셲 first ASIC.based OCXO product
More results

Similar Description - RFPO65

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRR-20A DELTA-DRR-20A Datasheet
742Kb / 6P
The new Redundancy Module DRR 20A is the latest offering from one of the World?셲 No.1 Power Supply Company.
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
RFPO50 TEMEX-RFPO50 Datasheet
271Kb / 2P
The RFPO50 is from the world?셲 first ASIC?륿ased OCXO product
RFPO55 TEMEX-RFPO55 Datasheet
391Kb / 2P
The RFPO55 is from the world?셲 first ASIC.based OCXO product
RFPO60 TEMEX-RFPO60 Datasheet
261Kb / 2P
The RFPO60 is from the world?셲 first ASIC.based OCXO product
logo
PHOENIX CONTACT
2203142 PHOENIX-2203142 Datasheet
55Kb / 2P
Item is from the HCS product range
2202465 PHOENIX-2202465 Datasheet
42Kb / 1P
Item is from the ME product range
logo
Advanced Micro Devices
W5700 AMD-W5700 Datasheet
757Kb / 1P
The World?셲 First 7nm Professional PC Workstation Graphics Card
logo
STMicroelectronics
STM32WL STMICROELECTRONICS-STM32WL Datasheet
329Kb / 2P
The world?셲 first SoC enabling LoRa®, (G)FSK, (G)MSK, BPSK
Dec-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com