Electronic Components Datasheet Search
  English  ▼

X  

RFPT100 Datasheet(PDF) 1 Page - TEMEX

Part # RFPT100
Description  An emergency distress beacon is a small battery.powered
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT100 Datasheet(HTML) 1 Page - TEMEX

  RFPT100 Datasheet HTML 1Page - TEMEX RFPT100 Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLUTO™  TCXO DESIGNED FOR COSPAS‐SARSAT EMERGENCY BEACONS 
 
 
www.rakon.com 
sales@rakon.com 
Page 1 of 2 
 
RFPT100 
An emergency distress beacon is a small battery‐powered device that can be carried on board of ships (called EPIRB = Emergency Position 
Indicating Radio Beacon), aircraft (called ELT = Emergency Locator Transmitter) and on people (called PLB = Personal Locator Beacon). Once 
activated it transmits a signal that is detectable by government search and rescue authorities. These beacons are regulated by Cospas‐Sarsat, 
an international organisation for the search and rescue of persons in distress. The Cospas‐Sarsat system uses a constellation of satellites 
orbiting the globe and a network of earth stations to provide distress alert and location information to rescue teams anywhere in the world. 
Using the signals transmitted by the beacon, the system calculates its position to within a few km. The beacon's correct operation depends 
to a great extent on the stability of the reference oscillator that is used to generate the 406 MHz transmitter signal.  
Traditionally Oven Controlled Crystal Oscillators (OCXO) have been used for this function. However an OCXO needs significant power and 
time to heat the internal oven whereas the new Rakon RFPT100 TCXO has a power consumption of only 6mW (typ.) and instantaneously 
provides a stable output frequency. This results in increased battery life or alternatively allows the use of a smaller battery. The smaller 
battery reduces system cost and allows future beacons to be smaller and lighter. 
The RFPT100 TCXO makes use of Rakon's Pluto™ ASIC which is a fourth‐order temperature‐compensation chip. The Pluto™ ASIC uses certain 
patented  features,  which  enables  it  to  achieve  the  critical  medium  term  stability,  previously  unattainable  with  any  TCXO.  This  unique 
performance for the first time has enabled the use of compact, low‐cost TCXOs in emergency beacon applications. The Pluto™ TCXO employs 
One‐Time Programmable (OTP) non‐volatile memory which ensures lifetime reliability under adverse conditions. 
 
Standard Specifications 
Parameter  
Min. 
Typ. 
Max. 
Unit 
Test Condition / Description  
Nominal frequency 
 
10 – 20 
 
MHz 
Standard frequencies: 10.0, 12.688375, 
12.688656, 12.688750 or 16.367 MHz 
Frequency calibration  
 
±0.5 
ppm 
Initial tolerance at 25°C 
Reflow shift 
 
 
±1 
ppm 
Pre to post reflow ΔF (measured ≥ 60 minutes 
after reflow) 
Operating temperature range ‐40 
‐20 
 
55 
55 
°C 
Class I 
Class II 
Frequency stability 
over temperature 
 
 
±0.2 
ppm 
Reference to (FMAX + FMIN)/2 
Supply voltage stability  
 
±0.1 
ppm 
±10% variation, reference to frequency at 3.3V 
Load sensitivity 
 
 
±0.1 
ppm 
±5pF variation, reference to frequency at 15pF 
Medium term stability (MTS)1 
  
±0.7 
ppb/min 
Mean slope (dF/dt), steady state conditions 
  
±1.7 
 
ppb/min 
Mean slope (dF/dt), during and 15 minutes after 
variable temperature conditions 
  
±2.0 
ppb 
Residual dF from slope 
Long term stability (aging) 
 
 
±1 
±3 
ppm 
ppm 
1 year 
10 years 
Supply voltage (VCC)  
3.3  
V 
±10% 
Supply current 
 
2.5 
 
mA 
Depending on nominal frequency 
Root Allan Variance  
 
1*10‐9  
tau = 100ms 
Oscillator output options 
Clipped Sinewave: 10kΩ //10pF nominal load.  HCMOS: 15pF nominal load.  
 
                                                            
1 Medium term stability specified and measured according to Cospas‐Sarsat 406MHz distress beacon specifications T.001, issue 3 and T.007, issue 4 
(averaged over 18 measurements in 15 minute period and following 15 minute power up period). Test results shipped with each device, identified by date 
and serial number, retained for 10 years. 
Features 
Applications  
7.0 x 5.0
 mm 
Low power consumption 
Cospas‐Sarsat compliant 
Medium term stability 100% tested 
Test data supplied with each unit 
Clipped Sine Wave and Voltage Control options 
Non‐volatile memory for lifetime reliability 
Emergency Beacon (EPIRB, ELT, 
PLB) 
Argos beacon 
Personal Survival Radio 
 
 
 
 
 


Similar Part No. - RFPT100

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RFPT100 RAKON-RFPT100 Datasheet
966Kb / 2P
PLUTO™ TCXO DESIGNED FOR COSPAS-SARSAT EMERGENCY BEACONS
30 May 2023
More results

Similar Description - RFPT100

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A1101R09A-EM1 ANAREN-A1101R09A-EM1_14 Datasheet
701Kb / 3P
The A1101R09A-EM1 is a high-performance, interface board with an FCC The A1101R09A-EM1 is a high-performance, interface board with an FCCcertified
logo
Future Technology Devic...
UMFT51AA FTDI-UMFT51AA Datasheet
867Kb / 16P
UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
logo
Tyco Electronics
408-10281 MACOM-408-10281 Datasheet
306Kb / 4P
The tool frame features two jaws, a handle, ratchet adjustment wheel, and an emergency ratchet release.
logo
Pentair plc. All rights...
2850 PENTAIR-2850 Datasheet
3Mb / 52P
An uninterrupted alternating current (A/C) supply is required
logo
Renesas Technology Corp
SLG5NT1458V RENESAS-SLG5NT1458V Datasheet
624Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
7-Feb-2022
SLG59M1440V RENESAS-SLG59M1440V Datasheet
629Kb / 15P
An Ultra-small 40 mΩ, 1 A, Load Switch with Discharge
3-Feb-2022
SLG59M1448V RENESAS-SLG59M1448V Datasheet
636Kb / 16P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
27-Oct-2022
SLG59M1545V RENESAS-SLG59M1545V Datasheet
606Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch
2-Feb-2022
SLG59M1558V RENESAS-SLG59M1558V Datasheet
567Kb / 15P
An Ultra-small 1.6 mm2, 28.5 mΩ, 1.0 A, Load Switch
2-Feb-2022
SLG59M1598V RENESAS-SLG59M1598V Datasheet
608Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
2-Feb-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com