Electronic Components Datasheet Search
  English  ▼

X  

IRFIBF30G Datasheet(PDF) 1 Page - International Rectifier

Part # IRFIBF30G
Description  Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIBF30G Datasheet(HTML) 1 Page - International Rectifier

  IRFIBF30G Datasheet HTML 1Page - International Rectifier IRFIBF30G Datasheet HTML 2Page - International Rectifier IRFIBF30G Datasheet HTML 3Page - International Rectifier IRFIBF30G Datasheet HTML 4Page - International Rectifier IRFIBF30G Datasheet HTML 5Page - International Rectifier IRFIBF30G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFIBF30G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIBF30G VISHAY-IRFIBF30G Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
logo
International Rectifier
IRFIBF30GPBF IRF-IRFIBF30GPBF Datasheet
920Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFIBF30GPBF VISHAY-IRFIBF30GPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results

Similar Description - IRFIBF30G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBF20 IRF-IRFBF20 Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF20S IRF-IRFBF20S Datasheet
311Kb / 10P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFIBF20G IRF-IRFIBF20G Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.2A)
IRFL014N IRF-IRFL014N Datasheet
144Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFPF40 IRF-IRFPF40 Datasheet
170Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=2.5ohm, Id=4.7A)
IRFPF50 IRF-IRFPF50 Datasheet
167Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)
IRFR9210 IRF-IRFR9210 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A)
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com