Electronic Components Datasheet Search
  English  ▼

X  

SK34BL Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SK34BL
Description  3.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK34BL Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SK34BL_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK34BL_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
RATING AND CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page
2 of 2
SK34BL
VOLTAGE 40V
Low VF & Low Ir Types
3.0AMP Surface Mount Schottky Barrier Rectifiers
Tc, Case Temperature (℃)
Typical Forward Current Derating Curve
0
1
3
20
50
100
150
190
2
Revise Voltage (%)
Typical Junction Capacitance
0
0.1
200
400
600
800
1
10
100
Maximum Non- Repetitive Forward
Surge Current
Number of Cycles at 60Hz
0
0
20
40
60
80
8.3mS Single half
Sine Wave
JEDEC Method
Tj=25℃
100
10
100
0.1
0.01
0.1
1
10
Forward Voltage (V)
Typical Forward Characteristic
0.2
0.3
0.4
0.5
0.6
0.7
25℃
50℃
75℃
100℃
0.001
0.01
0.1
1
10
40
10
20
30
50
5
Reverse Voltage(V)
Typical Reverse Characteristic
25℃
50℃
100℃
75℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com