Electronic Components Datasheet Search
  English  ▼

X  

IRFL014 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFL014
Description  Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL014 Datasheet(HTML) 1 Page - International Rectifier

  IRFL014 Datasheet HTML 1Page - International Rectifier IRFL014 Datasheet HTML 2Page - International Rectifier IRFL014 Datasheet HTML 3Page - International Rectifier IRFL014 Datasheet HTML 4Page - International Rectifier IRFL014 Datasheet HTML 5Page - International Rectifier IRFL014 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFL014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFL014 VISHAY-IRFL014 Datasheet
949Kb / 8P
Power MOSFET
07-Jul-08
IRFL014 VISHAY-IRFL014 Datasheet
1,003Kb / 9P
Power MOSFET
31-May-10
IRFL014 VISHAY-IRFL014 Datasheet
1,003Kb / 9P
Power MOSFET
31-May-10
logo
International Rectifier
IRFL014N IRF-IRFL014N Datasheet
144Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A)
IRFL014NPBF IRF-IRFL014NPBF Datasheet
158Kb / 8P
HEXFET Power MOSFET
More results

Similar Description - IRFL014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFRU9214 IRF-IRFRU9214 Datasheet
107Kb / 10P
Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com