Electronic Components Datasheet Search
  English  ▼

X  

SM320HT Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM320HT
Description  3.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM320HT Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM320HT_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM320HT_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM320HT_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SM320HT~SM3100HT
Voltage 20V ~ 100V
3.0 Amp Surface Mount Schottky Barrier Rectifiers
01-Jul-2014 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Part Number
Parameter
Symbol
SM320HT
SM340HT
SM360HT
SM380HT
SM3100HT
Unit
Maximum Repetitive Peak Reverse
Voltage
VRRM
20
40
60
80
100
V
Maximum RMS Voltage
VRMS
14
28
42
56
70
V
Continuous reverse voltage
VR
20
40
60
80
100
V
Maximum Average Forward
Rectified Current, See Fig.1
IO
3
A
Peak Forward Surge Current, 8.3 ms
single half sine-wave superimposed
on rated load
IFSM
50
A
Maximum Instantaneous Forward
Voltage @ IF=3A
VF
0.55
0.7
0.85
V
TJ=25°C
0.2
Maximum Reverse
Current
TJ=100°C
IR
20
mA
Typical Junction Capacitance
1
CJ
160
pF
Typical Thermal Resistance
RθJC
35
°C / W
Operating Temperature
TJ
-55~125
-55~150
°C
Storage Temperature
TSTG
-65~175
°C
Note:
1.
f=1MHz and applied 4V DC reverse voltage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com