Electronic Components Datasheet Search
  English  ▼

X  

SM620D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM620D
Description  6.0Amp. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM620D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM620D_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM620D_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM620D~SM6100D
Voltage 20 ~100V
6.0Amp. Schottky Barrier Rectifiers
27-Mar-2014 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208
Polarity: As Marked
Mounting position: Any
Weight: 0.7 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SM620D
SM640D
SM660D
SM6100D
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
60
100
V
Working Peak Reverse Voltage
VRSM
20
40
60
100
V
Maximum DC Blocking Voltage
VDC
20
40
60
100
V
Maximum Average Forward Rectified
Current
IF
6
A
Peak Forward Surge Current, @8.3ms
single half sine-wave superimposed on rated
load
IFSM
80
A
Maximum Instantaneous Forward Voltage
@3A
VF
0.55
0.65
0.83
V
TA=25°C
0.2
0.1
0.05
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
3
TA=100°C
IR
30
15
7.5
mA
Typical Junction Capacitance
1
CJ
170
pF
Typical Thermal Resistance
2
RθJc
10
°C/W
Operating Temperature
TJ ,
-55~150
°C
Storage Temperature
TSTG
-65~175
°C
Note:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance Junction to Case. FR4 Board Heat sink size: 10*10*0.2mm.
3.
Pulse test: 300us pulse width, 1% duty cycle
TO-252 (D-Pack)
A
C
D
N
O
P
G E
F
H
K
J
M
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.30 REF.
B
4.95
5.50
K
0.64
1.14
C
2.10
2.50
M
0.50
1.14
D
0.43
0.9
N
1.3
1.8
E
6.0
7.5
O
0
0.13
F
2.80 REF
P
0.58REF.
G
5.40
6.40
H
0.60
1.20


Similar Part No. - SM620D_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM620D SECOS-SM620D Datasheet
295Kb / 2P
6.0AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM620D_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF61R SECOS-SF61R Datasheet
183Kb / 2P
6.0AMP Super Fast Rectifiers
SK62DL SECOS-SK62DL Datasheet
188Kb / 2P
6.0AMP Low Vf Schottky Barrier Rectifiers
SM620D SECOS-SM620D Datasheet
295Kb / 2P
6.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Tiger Electronic Co.,Lt...
FR601 TGS-FR601 Datasheet
28Kb / 2P
6.0AMP FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
S6GBJ20 SECOS-S6GBJ20_15 Datasheet
217Kb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
S6GBU20 SECOS-S6GBU20_15 Datasheet
225Kb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
S6GBJ20-C SECOS-S6GBJ20-C Datasheet
217Kb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU6005 YIXIN-GBU6005 Datasheet
1Mb / 2P
6.0Amp Glass Passivited Bridge Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com