Electronic Components Datasheet Search
  English  ▼

X  

UPD16667 Datasheet(PDF) 2 Page - NEC

Part # UPD16667
Description  160-OUTPUT LCD ROW DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16667 Datasheet(HTML) 2 Page - NEC

  UPD16667 Datasheet HTML 1Page - NEC UPD16667 Datasheet HTML 2Page - NEC UPD16667 Datasheet HTML 3Page - NEC UPD16667 Datasheet HTML 4Page - NEC UPD16667 Datasheet HTML 5Page - NEC UPD16667 Datasheet HTML 6Page - NEC UPD16667 Datasheet HTML 7Page - NEC UPD16667 Datasheet HTML 8Page - NEC UPD16667 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
µµµµPD16667
BLOCK DIAGRAM
Liquid-crystal drive circuit
Selection control circuit
Bidirectional shift register
Level shifter
X1 to X160
VDD
V1
VEE
DIR
VCC1
VSS
L1
L2
/DOFF’
STB
/FRM
Column driver interface
Q1 to Q80
Remark
/xxx indicates active low signal.
BLOCK FUNCTION
1. Liquid-crystal drive circuit
This circuit selects and outputs the level for liquid-crystal driving.
One of VDD, VEE, and V1 is selected by the output of the selection control circuit.
2. Selection control circuit
This circuit creates the signal which will select the level of the output signal, based on the output of the shift
register circuit and the driving level power selection signals L1 and L2
3. Bidirectional shift register circuit
This refers to the 80-bit bidirectional shift register circuit. The DIR signal can be used to switch over the shift
direction.
The data that has been entered from the /FRM pin is shifted by the low drive signal strobe (STB).
4. Level shifter circuit
This circuit transforms the 5-V signals to the high-voltage signals for liquid-crystal driving.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com