Electronic Components Datasheet Search
  English  ▼

X  

IRFL110 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFL110
Description  Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.5A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL110 Datasheet(HTML) 1 Page - International Rectifier

  IRFL110 Datasheet HTML 1Page - International Rectifier IRFL110 Datasheet HTML 2Page - International Rectifier IRFL110 Datasheet HTML 3Page - International Rectifier IRFL110 Datasheet HTML 4Page - International Rectifier IRFL110 Datasheet HTML 5Page - International Rectifier IRFL110 Datasheet HTML 6Page - International Rectifier IRFL110 Datasheet HTML 7Page - International Rectifier IRFL110 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
ID @ Tc = 25°C
Continuous Drain Current, VGS @ 10 V
1.5
ID @ Tc = 100°C
Continuous Drain Current, VGS @ 10 V
0.96
IDM
Pulsed Drain Current

12
PD @Tc = 25°C
Power Dissipation
3.1
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2.0
W
Linear Derating Factor
0.025
Linear Derating Factor (PCB Mount)**
0.017
W/°C
VGS
Gate-to-Source Voltage
-/+20
V
EAS
Single Pulse Avalanche Energy
‚
150
mJ
IAR
Avalanche Current

1.5
A
EAR
Repetitive Avalanche Energy

0.31
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.5
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
IRFL110
HEXFET® Power MOSFET
PD - 90861A
S
D
G
VDSS = 100V
RDS(on) = 0.54Ω
ID = 1.5A
Third Generation HEXFETs from International Rectifier
provide the designer with the best combination of fast
switching, ruggedized device design, low on-resistance
and cost-effectiveness.
The SOT-223 package is designed for surface-mount using
vapor phase, infra red, or wave soldering techniques. Its
unique package design allows for easy automatic pick-and-
place as with other SOT or SOIC packages but has the
added advantage of improved thermal performance due to
an enlarged tab for heatsinking. Power dissipation of
grreater than 1.25W is possible in a typical surface mount
application.
1/28/99
Description
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Repetitive Avalanche Rated
l Fast Switching
l Ease of Paralleling
l Simple Drive Requirements
S O T -223
** When mounted on 1'' square pcb (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to application note #AN-994.
Parameter
Typ.
Max.
Units
RθJC
Junction-to-PCB
–––
40
RθJA
Junction-to-Ambient. (PCB Mount)**
–––
60
Thermal Resistance
°C/W
Absolute Maximum Ratings
A
www.irf.com
1
Soldewring Temperature, for 10 seconds
300 (1.6mm from case)
°C


Similar Part No. - IRFL110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFL110 VISHAY-IRFL110 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
International Rectifier
IRFL110PBF IRF-IRFL110PBF Datasheet
216Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFL110PBF VISHAY-IRFL110PBF Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFL110TR VISHAY-IRFL110TR Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFL110TRPBF VISHAY-IRFL110TRPBF Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
More results

Similar Description - IRFL110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF510 IRF-IRF510 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=5.6A)
IRF510S IRF-IRF510S Datasheet
178Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=5.6A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRFD110 IRF-IRFD110 Datasheet
174Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRLL110 IRF-IRLL110 Datasheet
217Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.5A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com