Electronic Components Datasheet Search
  English  ▼

X  

P142000MINI Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P142000MINI
Description  HDMI to Mini HDMI Adapter, 1080p (F-M)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P142000MINI Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P142000MINI Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P142000MINI Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HDMI to Mini HDMI Adapter, 1080p (F/M)
MODEL NUMBER: P142-000-MINI
Description
Tripp Lite's HDMI Female to Mini-HDMI Male Adapter allows connection from your digital camera / camcorder with mini-HDMI port to your HDTV's HDMI input
port using a standard HDMI cable. 1080p compatible. Gold-plated connectors and compact design.
Features
Converts mini HDMI camera port to standard HDMI female port
Supports 1080p signal pass-through, 120Hz refresh rate
Molded design for Lifetime of use
Specifications
OVERVIEW
Chromebook Compatible
Yes
Style
HDMI
Model Type
HDMI
Cable Types
HDMI
PHYSICAL
Color
Black
CONNECTIONS
Connector A
MINI HDMI (MALE)
Connector B
HDMI (FEMALE)
Highlights
HDMI Female to Mini-HDMI Male
Adapter, 1080p
Full 1080p support
Package Includes
HDMI Female to Mini-HDMI Male
Adapter
1 / 2


Similar Part No. - P142000MINI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
More results

Similar Description - P142000MINI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
P566-003-MINI TRIPPLITE-P566-003-MINI Datasheet
159Kb / 2P
Mini HDMI to DVI Cable, Digital Monitor Adapter Cable (Mini HDMI to DVI-D M/M), 1080P, 3-ft.
P566-006-MINI TRIPPLITE-P566-006-MINI Datasheet
159Kb / 2P
Mini HDMI to DVI Cable, Digital Monitor Adapter Cable (Mini HDMI to DVI-D M/M), 1080P, 6-ft.
P566-010-MINI TRIPPLITE-P566-010-MINI Datasheet
159Kb / 2P
Mini HDMI to DVI Cable, Digital Monitor Adapter Cable (Mini HDMI to DVI-D M/M), 1080P, 10-ft.
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P136-000-1 TRIPPLITE-P136-000-1 Datasheet
168Kb / 2P
DisplayPort to HDMI Converter Video Adapter, 1920x1200/1080p (M/F)
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P142-000-MICRO TRIPPLITE-P142-000-MICRO Datasheet
171Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F/M)
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
P586-003-HDMI TRIPPLITE-P586-003-HDMI Datasheet
173Kb / 2P
Mini DisplayPort to HDMI Adapter Cable (M/M), 1080p, 3 ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com