Electronic Components Datasheet Search
  English  ▼

X  

P502003SM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P502003SM
Description  Low-Profile VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 3-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P502003SM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P502003SM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P502003SM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low-Profile VGA Coax Monitor Cable, High
Resolution Cable with RGB Coax (HD15 M/M), 3-ft.
MODEL NUMBER: P502-003-SM
Description
Tripp Lite's 3-ft, PVC, SVGA / VGA Compact monitor replacement cable, features a 40% reduced diameter cable, and smaller molded connectors. The
mini-coax (RGB) and paired video wire construction delivers superior video signal quality, up to 2048x1536. Nickel plated connectors and gold plated copper
contacts ensure excellent conductivity. Double shielding (foil and braid) provides maximum EMI/RFI protection. Both high density DB15 male connectors are
molded and have integral strain relief to ensure long life.
Features
Slim, compact SVGA / VGA Male - Male Cable, 3ft
40% thinner cable than standard VGA Cables
Smaller, more compact, molded ends than standard VGA cables
Supports up to 2048x1536 Resolution
Foil and Braid shielded for superior noise suppression
Specifications
OVERVIEW
Chromebook Compatible
No
Style
Monitor Cables
Display Style
Cable
Model Type
VGA
Cable Types
MONITOR
INPUT
Highlights
Slim, compact SVGA / VGA
Male-Male Cable, 3ft
40% thinner cable than standard
VGA Cables
More compact molded ends
Supports up to 2048x1536
Resolution
Package Includes
3-ft, Compact SVGA / VGA M/M
Monitor Cable
1 / 2


Similar Part No. - P502003SM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502003 TRIPPLITE-P502003 Datasheet
491Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 3-ft
P502003RA TRIPPLITE-P502003RA Datasheet
496Kb / 2P
VGA Coax Right-Angle Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 3-ft
More results

Similar Description - P502003SM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502001 TRIPPLITE-P502001 Datasheet
485Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 1-ft
P502003 TRIPPLITE-P502003 Datasheet
491Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 3-ft
P502006 TRIPPLITE-P502006 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 6-ft
P502010 TRIPPLITE-P502010 Datasheet
489Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 10-ft
P502020 TRIPPLITE-P502020 Datasheet
489Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 20-ft
P502025 TRIPPLITE-P502025 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
P502030 TRIPPLITE-P502030 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M) 30-ft
P502035 TRIPPLITE-P502035 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 35-ft
P502075 TRIPPLITE-P502075 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M) 75-ft
P502100 TRIPPLITE-P502100 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 100-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com