Electronic Components Datasheet Search
  English  ▼

X  

P576001DP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P576001DP
Description  DMS-59 to Dual DisplayPort Splitter Y Cable (M to 2xF), 1-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P576001DP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P576001DP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P576001DP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DMS-59 to Dual DisplayPort Splitter Y Cable (M to
2xF), 1-ft.
MODEL NUMBER: P576-001-DP
Description
Tripp Lites P576-001-DP Splitter Cable allows you to connect two DisplayPort enabled monitors to a video graphics card with a single LFH59 / LFH60 ( DMS59
or DMS60) connector. DMS-59 supports two DisplayPort from a single connector. ( Verify that the manufacturer's graphics card supports dual channel
Displayport output )
Features
LFH59 (DMS59) to 2 x DisplayPort Female, 1ft
Compatible with most DMS-59 video cards including nVidia, Matrox, HP, PNY, and ATI ( check manufacturers specs )
Rugged molded construction and gold plated contacts
Specifications
OVERVIEW
Chromebook Compatible
No
Style
DisplayPort
Display Style
Adapter
Model Type
Audio/Video
Cable Types
DISPLAYPORT
INPUT
Cable Length (ft.)
1
Cable Length (m)
0.30
Highlights
Attach two DisplayPort enabled
monitors to your DMS59
Graphics card
Superior molded connectors for
long life use
Package Includes
DMS59 to (2) x DisplayPort
Female Splitter Cable - 1-ft.
1 / 2


Similar Part No. - P576001DP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P576001 TRIPPLITE-P576001 Datasheet
470Kb / 2P
DMS-59 to Dual DVI Splitter Y Cable (M to 2x DVI-IF), 1-ft
More results

Similar Description - P576001DP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P516001 TRIPPLITE-P516001 Datasheet
481Kb / 2P
VGA Monitor Y Splitter Cable (HD15 M-2xF), 1-ft
P574001 TRIPPLITE-P574001 Datasheet
468Kb / 2P
DMS-59 to Dual VGA Splitter Y Cable (M to 2xF), 1-ft
P230001 TRIPPLITE-P230001 Datasheet
470Kb / 2P
PS-2 Keyboard or Mouse Y Splitter Cable (Mini-DIN6 M-2xF), 1-ft
P576001 TRIPPLITE-P576001 Datasheet
470Kb / 2P
DMS-59 to Dual DVI Splitter Y Cable (M to 2x DVI-IF), 1-ft
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
P583010 TRIPPLITE-P583010 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 10-ft
P516-001 TRIPPLITE-P516-001 Datasheet
158Kb / 2P
VGA Monitor Y Splitter Cable (HD15 M/2xF), 1-ft.
P574-001 TRIPPLITE-P574-001 Datasheet
152Kb / 2P
DMS-59 to Dual VGA Splitter Y Cable (M to 2xF), 1-ft
P576-001 TRIPPLITE-P576-001 Datasheet
153Kb / 2P
DMS-59 to Dual DVI Splitter Y Cable (M to 2x DVII F), 1-ft.
P576-001-DP TRIPPLITE-P576-001-DP Datasheet
161Kb / 2P
DMS-59 to Dual DisplayPort Splitter Y Cable (M to 2xF), 1-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com