Electronic Components Datasheet Search
  English  ▼

X  

P582010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P582010
Description  DisplayPort to HD Cable Adapter (M-M), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P582010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P582010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P582010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DisplayPort to HD Cable Adapter (M/M), 10-ft.
MODEL NUMBER: P582-010
Description
Tripp Lites P582-010, Displayport to HD cable, allows you to connect a computer with Displayport video out port, to an HDMI enabled Monitor or TV. Male to
Male design eliminates the need for separate adapter and cable. In-line passive adapter is designed for use with Dual Mode ( DP++) Displayport graphics
cards. Supports 1080P video, as well as audio ( provided your Displayport card supports audio pass through ). HDCP compatible.
Features
10ft Displayport to HD Adapter cable
Supports 1080P video, as well as audio ( if video card enabled )
HDCP compatible
In-line Passive adapter
Specifications
OVERVIEW
Chromebook Compatible
No
Display Style
Cable
Model Type
HDMI
Cable Types
DISPLAYPORT
INPUT
Cable Length (ft.)
10
PHYSICAL
Color
Black
Highlights
Supports 1080P 1920x1080
resolution
Supports Audio
Package Includes
10-ft. Displayport to HD Adapter
cable
1 / 2


Similar Part No. - P582010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P582006 TRIPPLITE-P582006 Datasheet
492Kb / 2P
DisplayPort to HD Cable Adapter (M-M), 6-ft
More results

Similar Description - P582010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P581006VGA TRIPPLITE-P581006VGA Datasheet
503Kb / 2P
DisplayPort to VGA Cable, Displayport with Latches to HD-15 Adapter (M-M), 6-ft
P586006HDMI TRIPPLITE-P586006HDMI Datasheet
501Kb / 2P
Mini DisplayPort to HD Cable Adapter (M-M), 6-ft
P582006 TRIPPLITE-P582006 Datasheet
492Kb / 2P
DisplayPort to HD Cable Adapter (M-M), 6-ft
P583010 TRIPPLITE-P583010 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 10-ft
P582-020 TRIPPLITE-P582-020 Datasheet
494Kb / 2P
DisplayPort to HD Adapter Cable (M/M), 1080p, 20 ft.
P582-025 TRIPPLITE-P582-025 Datasheet
495Kb / 2P
DisplayPort to HD Adapter Cable (M/M), 1080p, 25 ft.
P581-010-VGA TRIPPLITE-P581-010-VGA Datasheet
160Kb / 2P
DisplayPort to Active VGA Cable, Displayport with Latches to HD-15 Adapter (M/M), 10-ft.
P581-006-VGA TRIPPLITE-P581-006-VGA Datasheet
160Kb / 2P
DisplayPort to Active VGA Cable, Displayport with Latches to HD-15 Adapter (M/M), 6-ft.
P582-010 TRIPPLITE-P582-010 Datasheet
166Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 10-ft.
P586-010-DVI TRIPPLITE-P586-010-DVI Datasheet
164Kb / 3P
Mini DisplayPort to DVI Adapter Cable (M/M), 1080p, 10 ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com