Electronic Components Datasheet Search
  English  ▼

X  

RTF3215 Datasheet(PDF) 1 Page - TEMEX

Part # RTF3215
Description  Ceramic package and metal lid assures extreme accuracy
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RTF3215 Datasheet(HTML) 1 Page - TEMEX

  RTF3215 Datasheet HTML 1Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RTF3215 − SMD Tuning Fork Crystal
Rakon Limited
8 Sylvia Park Road, Mt. Wellington, 1060, Auckland, New Zealand
Telephone: +64 9 573 5554 Facsimile: +64 9 573 5559 Email: sales@rakon.com
Rev. B
NOTE:
• Consult Rakon sales representatives for other specifications.
• All specifications and markings are subject to change without notice.
CODE
DIMENSION
(mm)
A
3.2
B
1.5
C
0.7
D
1.3
E
0.65
F
1.5
Tolerance
X.X and X.XX = ± 0.1
STANDARD PART:
PRODUCT FEATURES:
• Compact, low profile (3.2 x 1.5 x 0.7 mm) and lightweight SMD tuning fork
crystal resonator.
• Ceramic package and metal lid assures extreme accuracy and high−reliability
through utilising electron beam sealing method.
• Applications: Microprocessors, Mobile Communications, DVC / DSC, SSD /
HDD, GPS and General Purpose.
SPECIFICATIONS:
ITEM
SPECIFICATIONS
Nominal frequency (kHz)
32.768
Frequency tolerance at 25°C (ppm)
±10, ± 20, ± 30, ± 50, ± 100
Turnover temperature (
°C)
25 ± 5
Parabolic coefficient (/
°C2)
−0.03 ±0.01 x 10−6
Motional capacitance (fF)
3.5 Typ.
Motional resistance (ESR) (kΩ)
70 Max.
Drive level (μW)
0.5 Max.
Load capacitance (pF)
7.0, 9.0 and 12.5
Storage temperature range (°C)
−55 to +125
Operating temperature range (
°C)
−40 to 85
Packing unit (pcs/Ø180mm reel)
3000
FREQUENCY TOLERANCE
± 20 ppm
Part Number
Load Capacitance
508175
7.0 pF
508092
9.0 pF
508023
12.5 pF
MODEL OUTLINE
FRONT VIEW
BOTTOM VIEW
TOP VIEW


Similar Part No. - RTF3215

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RTF3215 RAKON-RTF3215 Datasheet
299Kb / 1P
Tuning Fork Crystal | Mobile Communications
28 September 2022
More results

Similar Description - RTF3215

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX331 GOLLEDGE-GSX331 Datasheet
55Kb / 1P
SM Crystal Metal Lid
GSX531 GOLLEDGE-GSX531 Datasheet
61Kb / 1P
SM Crystal Metal Lid
GSX641 GOLLEDGE-GSX641 Datasheet
56Kb / 1P
SM Crystal Metal Lid
GSX751 GOLLEDGE-GSX751 Datasheet
58Kb / 1P
SM Crystal Metal Lid
GSX-751 GOLLEDGE-GSX-751_08 Datasheet
52Kb / 1P
SM Crystal - Metal Lid
logo
TEMEX
RTF2012 TEMEX-RTF2012 Datasheet
262Kb / 1P
Ceramic package and metal lid assures extreme accuracy
logo
Golledge Electronics Lt...
GSX-531 GOLLEDGE-GSX-531_15 Datasheet
172Kb / 2P
SM Crystal - Metal Lid
logo
Abracon Corporation
ABM11AIG ABRACON-ABM11AIG Datasheet
5Mb / 4P
Hermetically sealed ceramic package assures high precision and reliability
12.09.15
logo
IQD Frequency Products ...
IQXC-153 IQD-IQXC-153 Datasheet
187Kb / 2P
Miniature quartz crystal in a ceramic package with a seam-sealed metal lid.
IQXC-240 IQD-IQXC-240 Datasheet
143Kb / 2P
A quartz crystal in a ceramic package with a electron beam sealed metal lid.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com