Electronic Components Datasheet Search
  English  ▼

X  

UPD16675AW Datasheet(PDF) 32 Page - NEC

Part # UPD16675AW
Description  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16675AW Datasheet(HTML) 32 Page - NEC

Back Button UPD16675AW Datasheet HTML 28Page - NEC UPD16675AW Datasheet HTML 29Page - NEC UPD16675AW Datasheet HTML 30Page - NEC UPD16675AW Datasheet HTML 31Page - NEC UPD16675AW Datasheet HTML 32Page - NEC UPD16675AW Datasheet HTML 33Page - NEC UPD16675AW Datasheet HTML 34Page - NEC UPD16675AW Datasheet HTML 35Page - NEC UPD16675AW Datasheet HTML 36Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
P0.25
±0.01⋅165 = 41.25±0.05 W0.125±0.02
21.1
±0.3 (SR)
21.1
±0.3 (SR)
(44.4) (Cut Line)
23.2
23.2
27
63.949
±0.08
P0.7
±0.01⋅54 = 37.8±0.055 W0.35±0.02
(40) (Cut Line)
44
25
4
1.5
2.575
±0.01
1
Cu
1.5
2.575
±0.01
1.981
±0.03
(COATING AREA)
0
−4.6
Polymide
Adhesive
Copper
Plating
Solder Resist
UPILEX-S
EPOXY
ELECTROLYSIS Cu
Sn
EPOXY
75 m
12 m
25 m
MIN 0.25 m
25 m
This Figure is shown by Copper side
over Polyimide
5 Sprocket holes (23.75 mm) for 1 Pattern
Corner radius is 0.30 mm Max.
All tolerances unless otherwise
specified 0.05 mm.
17.68
A
22.125 (Mark)
22.125 (Mark)
Specification
∝
∝
∝
∝
∝
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36