Electronic Components Datasheet Search
  English  ▼

X  

IRFP054N Datasheet(PDF) 3 Page - International Rectifier

Part # IRFP054N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP054N Datasheet(HTML) 3 Page - International Rectifier

  IRFP054N Datasheet HTML 1Page - International Rectifier IRFP054N Datasheet HTML 2Page - International Rectifier IRFP054N Datasheet HTML 3Page - International Rectifier IRFP054N Datasheet HTML 4Page - International Rectifier IRFP054N Datasheet HTML 5Page - International Rectifier IRFP054N Datasheet HTML 6Page - International Rectifier IRFP054N Datasheet HTML 7Page - International Rectifier IRFP054N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFP054N
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
10
100
1000
0.1
1
10
100
V
, Drain-to -Source Vo ltage (V )
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
20µ s PU L SE W ID TH
T = 2 5°C
C
A
4.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Ju nctio n T emp eratu re (°C)
V
= 10 V
GS
A
I
= 72 A
D
10
100
1000
0.1
1
10
100
4.5V
V
, Dra in -to-So urce V oltag e (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTT OM
4.5V
20 µs P UL SE W I DTH
T
= 17 5°C
C
A
1
10
100
1000
456
789
1 0
T = 25°C
J
GS
V
, Ga te -to-S o urce V oltage (V )
T = 175°C
J
A
V
= 2 5 V
20µs P U LSE W ID TH
DS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com