Electronic Components Datasheet Search
  English  ▼

X  

IRFP150 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFP150
Description  Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP150 Datasheet(HTML) 6 Page - International Rectifier

  IRFP150 Datasheet HTML 1Page - International Rectifier IRFP150 Datasheet HTML 2Page - International Rectifier IRFP150 Datasheet HTML 3Page - International Rectifier IRFP150 Datasheet HTML 4Page - International Rectifier IRFP150 Datasheet HTML 5Page - International Rectifier IRFP150 Datasheet HTML 6Page - International Rectifier IRFP150 Datasheet HTML 7Page - International Rectifier IRFP150 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFP150N
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
R G
IAS
0.01
Ω
tp
D.U .T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
25
50
75
100
125
150
175
0
200
400
600
800
1000
Starting T , Junction Temperature ( C)
J
o
ID
TOP
BOTTOM
9.0A
16A
22A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com