Electronic Components Datasheet Search
  English  ▼

X  

P502015 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P502015
Description  VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 15-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P502015 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P502015 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P502015 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VGA Coax Monitor Cable, High Resolution Cable
with RGB Coax (HD15 M/M), 15-ft.
MODEL NUMBER: P502-015
Description
Tripp Lite's 15-foot SVGA/VGA monitor replacement cable is the gold standard in video cables. The mini-coax (RGB) and paired video wire construction
delivers superior signal quality. Gold plated connectors and gold plated copper contacts ensure excellent conductivity. Double shielding (foil and braid)
provides maximum EMI/RFI protection. Both high density DB15 male connectors are molded and have integral strain relief to ensure they last a long time.
Features
Superior molded cables with foil-shielding for maximum EMI/RFI protection
Constructed from mini-coax (RGB) and paired video wire construction for superior signal quality.
Gold-plated connectors and gold plated copper contacts ensure excellent conductivity.
HD15 male to HD15 male molded connectors
Resolutions up to 2048 x 1536
Specifications
OVERVIEW
Chromebook Compatible
No
Style
Monitor Cables
Model Type
VGA
Cable Types
MONITOR
INPUT
Cable Length (ft.)
15
Cable Length (m)
4.57
Highlights
Superior molded cables with
foil-shielding for maximum
EMI/RFI protection
Gold plated connectors and gold
plated copper contacts ensure
excellent conductivity
Resolutions up to 2048 x 1536
System Requirements
Monitor with removable HD15
cable or CPU to Splitter
Package Includes
15-ft. SVGA/VGA Monitor Cable
HD15M to HD15M Gold
Connectors w/ RGB Coax
1 / 2


Similar Part No. - P502015

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502010 TRIPPLITE-P502010 Datasheet
489Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 10-ft
P502010RA TRIPPLITE-P502010RA Datasheet
501Kb / 2P
VGA Coax Right-Angle Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 10-ft
More results

Similar Description - P502015

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502001 TRIPPLITE-P502001 Datasheet
485Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 1-ft
P502003 TRIPPLITE-P502003 Datasheet
491Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 3-ft
P502006 TRIPPLITE-P502006 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 6-ft
P502010 TRIPPLITE-P502010 Datasheet
489Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 10-ft
P502020 TRIPPLITE-P502020 Datasheet
489Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 20-ft
P502025 TRIPPLITE-P502025 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
P502030 TRIPPLITE-P502030 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M) 30-ft
P502035 TRIPPLITE-P502035 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 35-ft
P502075 TRIPPLITE-P502075 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M) 75-ft
P502100 TRIPPLITE-P502100 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 100-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com