Electronic Components Datasheet Search
  English  ▼

X  

UPD16680W Datasheet(PDF) 7 Page - NEC

Part # UPD16680W
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16680W Datasheet(HTML) 7 Page - NEC

Back Button UPD16680W Datasheet HTML 3Page - NEC UPD16680W Datasheet HTML 4Page - NEC UPD16680W Datasheet HTML 5Page - NEC UPD16680W Datasheet HTML 6Page - NEC UPD16680W Datasheet HTML 7Page - NEC UPD16680W Datasheet HTML 8Page - NEC UPD16680W Datasheet HTML 9Page - NEC UPD16680W Datasheet HTML 10Page - NEC UPD16680W Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet S12694EJ2V0DS00
7
µµµµPD16680
3.2 Logic System Pins (1/2)
Pin Symbol
Pin Name
Pin No.
I/O
Function Description
WS
Word length select pin
(Word Select)
92
I
This pin selects the word length.
At High level, it become an 8-bit parallel interface.
At Low level, when D7(NS) is High level, it become a serial
interface.
When the word length is 4 bits, data is transferred in the
upper-to-low sequence by mean of data busses D0 to D3.
The word length cannot be changed after power-on.
DACHA
D/A converter select pin
78
I
This pin selects whether to use the internal D/A converter for
LCD driving voltage adjustment or not.
At High level, D/A converter is used. At Low level, unused.
STB
Strobe
93
I
This pin is select signal of device, strobe signal for data
transfer. Data transfer is initialized at falling/rising edge of
STB.
Data can be input/output at Low level either in parallel
interface or serial interface mode.
When STB is High level, Enable/shift clock is bypassed.
E(SCK)
Enable(shift clock)
94
I
When using parallel interface mode, this pin becomes the
data enable input. In reading-in, data is fetched into the
interface buffer at rising edge. In reading-out, data is fetched
from interface buffer at falling edge.
When using serial interface mode, this pin becomes the data
shit clock.
In reading-in, data is fetched into the interface buffer at rising
edge.
In reading-out, data is fetched from interface buffer at falling
edge.
D0(DATA)
Data-bus(data)
84
I/O
When using parallel interface mode, this pin becomes the D0
bit of data-bus.
When using serial interface mode, this pin becomes the
input/output pin of the command and display data (3 states).
D1 to D3
Data-bus
85 to 87
I/O
When using parallel interface mode, these pin becomes the
D1 to D3 bits of data-bus. When using serial interface mode,
keep them H or L.
D4 to D6
Data-bus
88 to 90
I/O
When using parallel interface mode, these pin become the D4
to D6 bits of data-bus. When using serial interface mode, keep
them H or L.
D7(NS)
Data-bus(nibble select)
91
I/O
When word select (WS) is High level, this pin becomes the D7
bit of data-bus.
When word select (WS) is Low level, This pin becomes nibble
select pin. At High level, selected 4-bit parallel interface.
At Low level, selected serial interface.
TESTOUT
TEST signal output
97
O
When to do test, this pin is output for test signal.
When using in normal operation, this pin leave open.
/RESET
Reset
95
I
At Low level, the
µPD16680 is initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com