Electronic Components Datasheet Search
  English  ▼

X  

P504010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P504010
Description  VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P504010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P504010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P504010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VGA Coax Monitor Cable with Audio, High
Resolution Cable with RGB Coax (HD15 and 3.5mm
M/M), 10-ft.
MODEL NUMBER: P504-010
Description
Tripp Lite's 10 foot PVC SVGA/VGA monitor replacement cable features built-in 3.5mm stereo plugs, for extending audio as well video. The mini-coax (RGB)
and paired video wire construction delivers superior video signal quality. Nickel plated connectors and gold plated copper contacts ensure excellent
conductivity. Double shielding (foil and braid) provides maximum EMI/RFI protection. Both high density DB15 male connectors are molded and have integral
strain relief to ensure they last a long time.
Features
Extend both Video and Audio signals
Superior molded cables with foil-shielding for maximum EMI/RFI protection
Constructed from mini-coax (RGB) and paired video wire construction for superior signal quality.
HD15 male to HD15 male molded connectors
Computer side Audio Pigtail: 8in Display side Audio Pigtail: 24in
Specifications
OVERVIEW
Chromebook Compatible
No
Style
Monitor Cables
Display Style
Cable
Model Type
VGA
Cable Types
MONITOR
Highlights
Superior molded cables with
foil-shielding for maximum
EMI/RFI protection
CMR PVC rated
3.5mm Stereo Plugs
Package Includes
10-ft. SVGA/VGA Monitor Cable
HD15M to HD15M w/Built-in
Audio connectors
1 / 2


Similar Part No. - P504010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P504015 TRIPPLITE-P504015 Datasheet
480Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 15-ft
More results

Similar Description - P504010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P504006 TRIPPLITE-P504006 Datasheet
485Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M) 6-ft
P504015 TRIPPLITE-P504015 Datasheet
480Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 15-ft
P504025 TRIPPLITE-P504025 Datasheet
485Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 25-ft
P504030 TRIPPLITE-P504030 Datasheet
476Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 30-ft
P504050 TRIPPLITE-P504050 Datasheet
484Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 50-ft
P504-006 TRIPPLITE-P504-006 Datasheet
160Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M) 6-ft.
P504-010 TRIPPLITE-P504-010 Datasheet
160Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 10-ft.
P504-015 TRIPPLITE-P504-015 Datasheet
159Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 15-ft.
P504-025 TRIPPLITE-P504-025 Datasheet
160Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 25-ft.
P504-035 TRIPPLITE-P504-035 Datasheet
161Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution cable with RGB Coax (HD15 and 3.5mm M/M) 35-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com