Electronic Components Datasheet Search
  English  ▼

X  

P504050 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P504050
Description  VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 50-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P504050 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P504050 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P504050 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VGA Coax Monitor Cable with Audio, High
Resolution Cable with RGB Coax (HD15 and 3.5mm
M/M), 50-ft.
MODEL NUMBER: P504-050
Description
Tripp Lite's 50 foot PVC SVGA/VGA monitor replacement cable features built-in 3.5mm stereo plugs for extending audio as well as video. The mini-coax
(RGB) and paired video wire construction delivers superior video signal quality. Nickel-plated connectors and gold-plated copper contacts ensure excellent
conductivity. Double shielding (foil and braid) provides maximum EMI/RFI protection. Both high density DB15 male connectors are molded and have integral
strain relief to ensure they last a long time.
Features
Extend both video and audio signals
Superior molded cables with foil-shielding for maximum EMI/RFI protection
Constructed from mini-coax (RGB) and paired video wire construction for superior signal quality
HD15 male to HD15 male and 3.5mm to 3.5mm molded connectors
Computer side Audio Pigtail: 8in Display side Audio Pigtail: 24in
Specifications
OVERVIEW
Chromebook Compatible
No
Style
Monitor Cables
Model Type
VGA
Cable Types
MONITOR
INPUT
Highlights
Superior molded cables with
foil-shielding for maximum
EMI/RFI protection
CMR PVC rated
3.5mm stereo plugs
Applications
PC or Laptop to Projector
Package Includes
SVGA/VGA Monitor Cable
(HD15M to HD15M w/Built-in
3.5mm Audio connectors) - 50 ft.
1 / 2


Similar Part No. - P504050

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P504003SM TRIPPLITE-P504003SM Datasheet
479Kb / 2P
Low-Profile High Resolution SVGA-VGA Monitor Cable with Audio and RGB Coax (HD15 M-M), 3-ft
P504006 TRIPPLITE-P504006 Datasheet
485Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M) 6-ft
P504006SM TRIPPLITE-P504006SM Datasheet
479Kb / 2P
Low-Profile VGA Coax Monitor Cable with Audio,High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 6-ft
P504010 TRIPPLITE-P504010 Datasheet
484Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 10-ft
P504015 TRIPPLITE-P504015 Datasheet
480Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 15-ft
More results

Similar Description - P504050

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P504006 TRIPPLITE-P504006 Datasheet
485Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M) 6-ft
P504010 TRIPPLITE-P504010 Datasheet
484Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 10-ft
P504015 TRIPPLITE-P504015 Datasheet
480Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 15-ft
P504025 TRIPPLITE-P504025 Datasheet
485Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 25-ft
P504030 TRIPPLITE-P504030 Datasheet
476Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 30-ft
P504-006 TRIPPLITE-P504-006 Datasheet
160Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M) 6-ft.
P504-010 TRIPPLITE-P504-010 Datasheet
160Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 10-ft.
P504-015 TRIPPLITE-P504-015 Datasheet
159Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 15-ft.
P504-035 TRIPPLITE-P504-035 Datasheet
161Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution cable with RGB Coax (HD15 and 3.5mm M/M) 35-ft.
P504-050 TRIPPLITE-P504-050 Datasheet
160Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 50-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com