Electronic Components Datasheet Search
  English  ▼

X  

IRFP250 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFP250
Description  Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP250 Datasheet(HTML) 8 Page - International Rectifier

  IRFP250 Datasheet HTML 1Page - International Rectifier IRFP250 Datasheet HTML 2Page - International Rectifier IRFP250 Datasheet HTML 3Page - International Rectifier IRFP250 Datasheet HTML 4Page - International Rectifier IRFP250 Datasheet HTML 5Page - International Rectifier IRFP250 Datasheet HTML 6Page - International Rectifier IRFP250 Datasheet HTML 7Page - International Rectifier IRFP250 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP250N
8
www.irf.com
Part Marking Information
TO-247AC
Package Outline
TO-247AC Outline
Dimensions are shown in millimeters (inches)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 10/00
IN TE R N A TIO N A L
R E C T IF IE R
L O G O
A S S E MBLY
L O T
C O D E
E X A M P L E : TH IS IS A N IR F P E 3 0
W ITH A S S E M B L Y
L O T C O D E 3 A 1 Q
PAR T N U M BE R
DA TE CO DE
(Y YW W )
YY = YE A R
WW WE E K
3A 1Q
93 02
IR F PE3 0
A
L EAD AS SIGN MEN T S
N O T ES:
- D -
5.30 (.209)
4.70 (.185)
2 .5 0 (.08 9)
1 .5 0 (.05 9)
4
3X
0 .80 (.03 1)
0 .40 (.01 6)
2.60 (.1 0 2)
2.20 (.0 8 7)
3.40 (.133)
3.00 (.118)
3X
0.25 (.010) M
C A S
4.30 (.170)
3.70 (.145)
- C -
2X
5.50 (.2 1 7)
4.50 (.1 7 7)
5 .50 (.21 7)
0.25 (.0 1 0)
1.40 (.056)
1.00 (.039)
3.65 (.1 43 )
3.55 (.1 40 )
D
M
M
B
- A -
15.90 (.626)
15.30 (.602)
- B -
1
2
3
2 0 .30 (.80 0)
1 9 .70 (.77 5)
14.8 0 (.583)
14.2 0 (.559)
2 .40 (.09 4)
2 .00 (.07 9)
2X
2X
5.45 (.2 1 5)
1 DIM E N S IO NING & T O LE R A N C IN G
P E R A N S I Y 14.5M , 1982.
2 C O NT RO L L ING D IM E NS IO N : IN C H .
3 C O NF O R MS T O JE DE C O U T L IN E
T O -247-A C .
1 - G A T E
2 - D R A IN
3 - S O U RCE
4 - D R A IN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com