Electronic Components Datasheet Search
  English  ▼

X  

P512006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P512006
Description  VGA Monitor Cable, 640x480 (HD15 M-M), 6-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P512006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P512006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P512006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VGA Monitor Cable, 640x480 (HD15 M/M), 6-ft.
MODEL NUMBER: P512-006
Description
Tripp Lite's VGA monitor replacement cable is designed for use with a monitor that has a removable cable with HD15 connectors. This 6 foot cable has gold
plated connectors and gold plated copper contacts to ensure excellent conductivity. Shielded for maximum EMI/RFI protection. The HD15 male and HD15
male connectors are molded and have integral strain relief to ensure they last a long time.
For use with monitors with resolutions up to 640x480 ( VGA Std ). For higher resolution monitors, please use P502-006.
Features
Superior molded cables with foil-shielding for maximum EMI/RFI protection
Gold plated connectors and gold plated copper contacts ensure excellent conductivity
HD15 male to HD15 male molded connectors
Specifications
OVERVIEW
Chromebook Compatible
No
Style
Monitor Cables
Display Style
Cable
Model Type
VGA
Cable Types
MONITOR
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.83
Highlights
Superior molded cables with
foil-shielding for maximum
EMI/RFI protection
System Requirements
Monitor with removable HD15
cable and resolutions up to
640x480.
Package Includes
6-ft. VGA Monitor Cable HD15M
to HD15M Gold Connectors
1 / 2


Similar Part No. - P512006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P512010 TRIPPLITE-P512010 Datasheet
487Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M-M), 10-ft
P512015 TRIPPLITE-P512015 Datasheet
487Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M-M), 15-ft
More results

Similar Description - P512006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P510006 TRIPPLITE-P510006 Datasheet
490Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M-F), 6-ft
P510010 TRIPPLITE-P510010 Datasheet
490Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F),10-ft
P512010 TRIPPLITE-P512010 Datasheet
487Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M-M), 10-ft
P512015 TRIPPLITE-P512015 Datasheet
487Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M-M), 15-ft
P510-006 TRIPPLITE-P510-006 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 6-ft.
P510-010 TRIPPLITE-P510-010 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 10-ft.
P510-025 TRIPPLITE-P510-025 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 25-ft.
P512-006 TRIPPLITE-P512-006 Datasheet
159Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M/M), 6-ft.
P512-010 TRIPPLITE-P512-010 Datasheet
159Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M/M), 10-ft.
P512-015 TRIPPLITE-P512-015 Datasheet
160Kb / 2P
VGA Monitor Cable, 640x480 (HD15 M/M), 15-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com