| Electronic Components Datasheet Search |
|
P556003 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
P556003 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 2 page ![]() DVI to VGA Monitor Cable, High Resolution Cable with RGB Coax (DVI-A to HD15 M/M), 3-ft. MODEL NUMBER: P556-003 Description Tripp Lite's 3-ft. DVI to HD15 cable allows PC users with a DVI-I port to connect to monitors with a VGA connector. Gold-plated contacts ensure excellent conductivity, while double shielding (foil and braid) provides maximum EMI/RFI protection. Both the DVI and HD15 connectors are molded and have integral strain relief for long life reliability. Features Superior molded cables with foil-shielding for maximum EMI/RFI protection Constructed from mini-coax (RGB) and paired video wire construction for superior signal quality Gold plated copper contacts ensure excellent conductivity DVI Male to HD15 Male molded connectors PC and Mac compatible Meets DVI DDWG Standard Supports analog signal only Specifications OVERVIEW Chromebook Compatible No Style DVI Display Style Adapter Model Type VGA Cable Types DVI Highlights Connects a DVI-I port on a computer to a monitor with a VGA connector Compatible with Flat-Panel Displays, Digital CRT Displays and Projectors Supports analog signals only Superior molded cables with foil/braid shielding for maximum EMI/RFI protection Meets DVI DDWG Standard Applications Tripp Lite's 3-ft. DVI to HD15 cable allows PC users with a DVI-I port to connect to monitors with a VGA connector. System Requirements PC with DVI-I connector, and Monitor with SVGA (HD15F) connector Package Includes 3-ft. DVI to VGA Cable DVI Male to HD15 Male 1 / 2 |
Similar Part No. - P556003 |
|
Similar Description - P556003 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |