Electronic Components Datasheet Search
  English  ▼

X  

P556010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P556010
Description  DVI to VGA Monitor Cable, High Resolution Cable with RGB Coax (DVI-A to HD15 M-M), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P556010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P556010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P556010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DVI to VGA Monitor Cable, High Resolution Cable
with RGB Coax (DVI-A to HD15 M/M), 10-ft.
MODEL NUMBER: P556-010
Description
Tripp Lite's 10-ft. DVI to HD15 cable allows PC users with a DVI-I port to connect to monitors with a VGA
connector. Gold-plated contacts ensure excellent conductivity, while double shielding (foil and braid) provides
maximum EMI/RFI protection. Both the DVI and HD15 connectors are molded and have integral strain relief for
long life reliability.
Features
Superior molded cables with foil-shielding for maximum EMI/RFI protection
Constructed from mini-coax (RGB) and paired video wire construction for superior signal quality
Gold plated copper contacts ensure excellent conductivity
DVI Male to HD15 Male molded connectors
PC and Mac compatible
Meets DVI DDWG Standard
Supports analog signal only
Specifications
OVERVIEW
Chromebook Compatible
No
Style
DVI
Display Style
Adapter
Model Type
VGA
Cable Types
DVI
Highlights
Connects a DVI-I port on a
computer to a monitor with a
VGA connector
Compatible with Flat-Panel
Displays, Digital CRT Displays
and Projectors
Supports analog signals only
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
Meets DVI DDWG Standard
System Requirements
PC with DVI-I connector, and
Monitor with SVGA (HD15F)
connector
Package Includes
10ft, DVI-I MAle to VGA Male Adapter
Cable
1 / 2


Similar Part No. - P556010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P556003 TRIPPLITE-P556003 Datasheet
491Kb / 2P
DVI to VGA Monitor Cable, High Resolution Cable with RGB Coax (DVI-A to HD15 M-M), 3-ft
P556006 TRIPPLITE-P556006 Datasheet
492Kb / 2P
DVI to VGA Monitor Cable, High Resolution Cable with RGB Coax (DVI-A to HD15 M-M), 6-ft
More results

Similar Description - P556010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502006 TRIPPLITE-P502006 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 6-ft
P502010 TRIPPLITE-P502010 Datasheet
489Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 10-ft
P502020 TRIPPLITE-P502020 Datasheet
489Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 20-ft
P502035 TRIPPLITE-P502035 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 35-ft
P502100 TRIPPLITE-P502100 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 100-ft
P556003 TRIPPLITE-P556003 Datasheet
491Kb / 2P
DVI to VGA Monitor Cable, High Resolution Cable with RGB Coax (DVI-A to HD15 M-M), 3-ft
P556006 TRIPPLITE-P556006 Datasheet
492Kb / 2P
DVI to VGA Monitor Cable, High Resolution Cable with RGB Coax (DVI-A to HD15 M-M), 6-ft
P556-003 TRIPPLITE-P556-003 Datasheet
161Kb / 2P
DVI to VGA Monitor Cable, High Resolution Cable with RGB Coax (DVI-A to HD15 M/M), 3-ft.
P556-006 TRIPPLITE-P556-006 Datasheet
161Kb / 2P
DVI to VGA Monitor Cable, High Resolution Cable with RGB Coax (DVI-A to HD15 M/M), 6-ft.
P556-010 TRIPPLITE-P556-010 Datasheet
161Kb / 2P
DVI to VGA Monitor Cable, High Resolution Cable with RGB Coax (DVI-A to HD15 M/M), 10-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com