Electronic Components Datasheet Search
  English  ▼

X  

IRFP264N Datasheet(PDF) 8 Page - International Rectifier

Part # IRFP264N
Description  Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP264N Datasheet(HTML) 8 Page - International Rectifier

  IRFP264N Datasheet HTML 1Page - International Rectifier IRFP264N Datasheet HTML 2Page - International Rectifier IRFP264N Datasheet HTML 3Page - International Rectifier IRFP264N Datasheet HTML 4Page - International Rectifier IRFP264N Datasheet HTML 5Page - International Rectifier IRFP264N Datasheet HTML 6Page - International Rectifier IRFP264N Datasheet HTML 7Page - International Rectifier IRFP264N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP264N
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 5/01
TO-247AC Part Marking Information
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
L EAD AS S IG N M E NT S
NO T ES:
- D -
5.30 (.209 )
4.70 (.185 )
2.50 (.089)
1.50 (.059)
4
3X
0.80 (.03 1)
0.40 (.01 6)
2.60 (.102 )
2.20 (.087 )
3.40 (.133 )
3.00 (.118 )
3X
0.25 (.0 10 ) M
CA S
4.30 (.170)
3.70 (.145)
- C -
2X
5.50 (.217)
4.50 (.177)
5.50 (.2 17 )
0.25 (.010)
1.40 (.056 )
1.00 (.039 )
3.65 (.14 3 )
3.55 (.14 0 )
D
MM
B
- A -
15.90 (.6 26 )
15.30 (.6 02 )
- B -
1
23
20.30 (.80 0 )
19.70 (.77 5 )
14.80 (.5 83 )
14.20 (.5 59 )
2.40 (.09 4 )
2.00 (.07 9 )
2X
2X
5.45 (.215)
1 DIM E NSIO NING & T O LE R A N C IN G
P E R A N S I Y 14.5M , 1982.
2 CO NT R O L L ING DIM E NSIO N : INCH.
3 CO NF O R M S T O JE DEC O U T L IN E
T O - 24 7 - A C .
1 - G A TE
2 - D R A IN
3 - S O U R C E
4 - D R A IN
IRFPE30
56
57
035H
EXAMPLE: T HIS IS AN IRFPE30
PART NUMBER
LOGO
RECT IFIER
INT ERNAT IONAL
ASSEMBLY
LOT CODE
LINE H
WEEK 35
YEAR 0 = 2000
DAT E CODE
WIT H ASSEMBLY
LOT CODE 5657
AS S EMBLED ON WW 35, 2000
IN THE AS S EMBLY LINE "H"



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com