Electronic Components Datasheet Search
  English  ▼

X  

P560100 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P560100
Description  DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 100-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P560100 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P560100 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P560100 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In most applications, a signal booster (Model Number: B120-000) should be used with this cable to ensure a
signal strong enough for your display. An alternate solution is to use a Tripp Lite DVI over Cat5 Extender (Model
Number: B140-101X) in place of a 100 ft. DVI cable and signal booster. Note that Tripp Lite's DVI over Cat5
Extender products support DVI Single Link resolutions only.
DVI Dual Link Cable, Digital TMDS Monitor Cable
(DVI-D M/M), 100-ft.
MODEL NUMBER: P560-100
Description
Tripp Lite's 100-ft. DVI Dual Link TMDS cable delivers the high performance, high bandwidth needed for today's digital video displays. Gold plated contacts
ensure excellent conductivity, while double shielding (foil and braid) provides maximum EMI/RFI protection. Use in conjunction with DVI video cards that are
specified as Dual or Single Link. Both DVI connectors are molded, have integral strain relief for long life reliability, and ferrite collars to drain off extraneous
electrical interference. In most applications, a signal booster (B120-000) will need to be used with this cable to ensure a signal strong enough for your display.
Features
For use with Dual or Single Link TMDS specified equipment
Compatible with Flat Panel Displays, Digital CRT Displays and Projectors
Provides bandwidth for resolutions up to 2560 x 1600
High Speed Digital Transmission to 9.9Gbps
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
In most applications, a signal booster (B120-000) will need to be used with this cable to ensure a signal strong enough for your display
Specifications
OVERVIEW
Chromebook Compatible
No
Style
DVI
Model Type
DVI
Highlights
For use with Dual or Single Link
TMDS specified equipment
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
Provides bandwidth for
resolutions up to 2560 x 1600
High Speed Digital Transmission
to 9.9Gbps
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
System Requirements
DVI monitor
CPU with DVI Dual Link
capabilities
Package Includes
100-ft. DVI Dual Link TMDS
Cable (DVI-D M/M)
1 / 2


Similar Part No. - P560100

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P560100HD TRIPPLITE-P560100HD Datasheet
501Kb / 2P
DVI High Definition Dual Link Digital TMDS Monitor Cable (DVI-D M-M), 100-ft
More results

Similar Description - P560100

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P560003 TRIPPLITE-P560003 Datasheet
500Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
P560010 TRIPPLITE-P560010 Datasheet
500Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P560050 TRIPPLITE-P560050 Datasheet
501Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P560-001 TRIPPLITE-P560-001 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 1-ft.
P560-006 TRIPPLITE-P560-006 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P560-010 TRIPPLITE-P560-010 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P560-020 TRIPPLITE-P560-020 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 20-ft.
P560-025 TRIPPLITE-P560-025 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
P560-030 TRIPPLITE-P560-030 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 30-ft.
P560-100 TRIPPLITE-P560-100 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 100-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com