Electronic Components Datasheet Search
  English  ▼

X  

IRFP344 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP344
Description  Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=9.5A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP344 Datasheet(HTML) 1 Page - International Rectifier

  IRFP344 Datasheet HTML 1Page - International Rectifier IRFP344 Datasheet HTML 2Page - International Rectifier IRFP344 Datasheet HTML 3Page - International Rectifier IRFP344 Datasheet HTML 4Page - International Rectifier IRFP344 Datasheet HTML 5Page - International Rectifier IRFP344 Datasheet HTML 6Page - International Rectifier IRFP344 Datasheet HTML 7Page - International Rectifier IRFP344 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image


Similar Part No. - IRFP344

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP344 VISHAY-IRFP344 Datasheet
1Mb / 8P
Power MOSFET
24-Jun-08
logo
International Rectifier
IRFP344PBF IRF-IRFP344PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP344PBF VISHAY-IRFP344PBF Datasheet
1Mb / 8P
Power MOSFET
24-Jun-08
More results

Similar Description - IRFP344

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734G IRF-IRFI734G Datasheet
241Kb / 8P
Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)
IRFI744G IRF-IRFI744G Datasheet
261Kb / 8P
Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=4.9A)
IRFP044N IRF-IRFP044N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=53A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
IRFP354 IRF-IRFP354 Datasheet
204Kb / 8P
Power MOSFET(Vdss=450V, Rds(on)=0.35ohm, Id=14A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44N IRF-IRFZ44N Datasheet
100Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ44Z IRF-IRFZ44Z Datasheet
333Kb / 12P
Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com