Electronic Components Datasheet Search
  English  ▼

X  

IRFP350 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP350
Description  Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP350 Datasheet(HTML) 1 Page - International Rectifier

  IRFP350 Datasheet HTML 1Page - International Rectifier IRFP350 Datasheet HTML 2Page - International Rectifier IRFP350 Datasheet HTML 3Page - International Rectifier IRFP350 Datasheet HTML 4Page - International Rectifier IRFP350 Datasheet HTML 5Page - International Rectifier IRFP350 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFP350

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRFP350 SAMSUNG-IRFP350 Datasheet
215Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRFP350 INTERSIL-IRFP350 Datasheet
57Kb / 7P
16A, 400V, 0.300 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFP350 VISHAY-IRFP350 Datasheet
1Mb / 8P
Power MOSFET
28-Jul-08
logo
Inchange Semiconductor ...
IRFP350 ISC-IRFP350 Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP350 VISHAY-IRFP350 Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
More results

Similar Description - IRFP350

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC730 IRF-IRC730 Datasheet
223Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRF630N IRF-IRF630N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com