Electronic Components Datasheet Search
  English  ▼

X  

IRFP350LC Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP350LC
Description  Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP350LC Datasheet(HTML) 1 Page - International Rectifier

  IRFP350LC Datasheet HTML 1Page - International Rectifier IRFP350LC Datasheet HTML 2Page - International Rectifier IRFP350LC Datasheet HTML 3Page - International Rectifier IRFP350LC Datasheet HTML 4Page - International Rectifier IRFP350LC Datasheet HTML 5Page - International Rectifier IRFP350LC Datasheet HTML 6Page - International Rectifier IRFP350LC Datasheet HTML 7Page - International Rectifier IRFP350LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP350LC
HEXFET® Power MOSFET
PD - 9.1229
Revision 0
VDSS = 400V
RDS(on) = 0.30Ω
ID = 16A
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, V GS @ 10V
16
ID @ TC = 100°C
Continuous Drain Current, V GS @ 10V
9.9
A
IDM
Pulsed Drain Current
64
PD @TC = 25°C
Power Dissipation
190
W
Linear Derating Factor
1.5
W/°C
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
390
mJ
IAR
Avalanche Current
16
A
EAR
Repetitive Avalanche Energy
19
mJ
dv/dt
Peak Diode Recovery dv/dt
4.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Thermal Resistance
Ultra Low Gate Charge
Reduced Gate Drive Requirement
Enhanced 30V Vgs Rating
Reduced Ciss, Coss, Crss
Isolated Central Mounting Hole
Dynamic dv/dt Rated
Repetitive Avalanche Rated
This new series of Low Charge HEXFET Power MOSFETs achieve significantly
lower gate charge over conventional MOSFETs.
Utilizing advanced Hexfet
technology the device improvements allow for reduced gate drive requirements,
faster switching speeds and increased total system savings.
These device
improvements combined with the proven ruggedness and reliability of HEXFETs
offer the designer a new standard in power transistors for switching applications.
The TO-247 package is preferred for commercial-industrial applications where
higher power levels preclude the use of TO-220 devices. The TO-247 is similar
but superior to the earlier TO-218 package because of its isolated mounting hole.
Description
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
0.65
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.24
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
40
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFP350LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP350LC VISHAY-IRFP350LC Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
logo
Inchange Semiconductor ...
IRFP350LC ISC-IRFP350LC Datasheet
409Kb / 2P
isc N-Channel MOSFET ransistor
logo
Vishay Siliconix
IRFP350LC VISHAY-IRFP350LC Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
IRFP350LC VISHAY-IRFP350LC Datasheet
1Mb / 11P
Power MOSFET
24-Jan-2022
IRFP350LCPBF VISHAY-IRFP350LCPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results

Similar Description - IRFP350LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC730 IRF-IRC730 Datasheet
223Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRF630N IRF-IRF630N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com