Electronic Components Datasheet Search
  English  ▼

X  

SMF101B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF101B
Description  Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF101B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF101B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF101B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMF101B ~ SMF107B
50 ~ 1000 V
1.0 Amp Surface Mount Silicon
Fast Recovery Rectifiers
30-Jul-2013 Rev. E
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Surface mount device
High surge current capability
Low reverse current
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Cases:DO-214AA(SMB)
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals:Lead Free Plating(Tin Finish)
Solderable Per MIL-STD-202, Method 208
Polarity:Cathode Band
Weight:0.092 grams(approximate)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%)
Part Number
Parameter
Symbol
SMF
101B
SMF
102B
SMF
103B
SMF
104B
SMF
105B
SMF
106B
SMF
107B
Unit
Maximum repetitive peak
reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
IF
1
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1A
VF
1.3
V
TC=25°C
5
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TC =100°C
IR
200
A
Typical Junction Capacitance
1
CJ
20
pF
Maximum Reverse Recovery Time
2
Trr
150
250
500
ns
Thermal Resistance
3
RθJA
70
°C / W
Storage and Operating Temperature Range
TSTG, TJ
-55 ~ 150
°C
NOTES:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2. Measured with IF=0.5A, IR=1A, IRR=0.25A
3. Device mounted on FR-4 substrate, 1"*1", 2oz, single-sided, PC boards with 0.1"*0.15" copper pad.
SMB
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.75
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
1.95
2.65
H
0.15
0.31


Similar Part No. - SMF101B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF101B SECOS-SMF101B Datasheet
234Kb / 2P
1.0AMP Surface Mount Fast Recovery Rectifiers
SMF101B SECOS-SMF101B Datasheet
250Kb / 2P
1.0 Amp Surface Mount Silicon 1.0 Amp Surface Mount Silicon
logo
SUNMATE electronic Co.,...
SMF101B SUNMATE-SMF101B Datasheet
345Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
SeCoS Halbleitertechnol...
SMF101B SECOS-SMF101B_10 Datasheet
250Kb / 2P
1.0 Amp Surface Mount Silicon 1.0 Amp Surface Mount Silicon
More results

Similar Description - SMF101B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com