Electronic Components Datasheet Search
  English  ▼

X  

IRFP3703 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFP3703
Description  Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP3703 Datasheet(HTML) 8 Page - International Rectifier

  IRFP3703 Datasheet HTML 1Page - International Rectifier IRFP3703 Datasheet HTML 2Page - International Rectifier IRFP3703 Datasheet HTML 3Page - International Rectifier IRFP3703 Datasheet HTML 4Page - International Rectifier IRFP3703 Datasheet HTML 5Page - International Rectifier IRFP3703 Datasheet HTML 6Page - International Rectifier IRFP3703 Datasheet HTML 7Page - International Rectifier IRFP3703 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP3703
8
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ I
SD ≤ 76A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting TJ = 25°C, L = 0.6mH
RG = 25Ω, IAS = 76A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 90A
TO - 247 Package Outline
L E AD AS S IG N M E N T S
NO T E S:
- D -
5.3 0 (.20 9)
4.7 0 (.18 5)
2 .50 (.089)
1 .50 (.059)
4
3X
0 .80 (.031)
0 .40 (.016)
2.60 (.10 2)
2.20 (.08 7)
3.4 0 (.1 33)
3.0 0 (.1 18)
3X
0 .25 (.010 ) M
CA S
4 .30 (.170 )
3 .70 (.145 )
- C -
2X
5.50 (.2 17)
4.50 (.1 77)
5.50 (.21 7)
0.25 (.01 0)
1 .40 (.056 )
1 .00 (.039 )
3.65 (.143 )
3.55 (.140 )
D
M
M
B
- A -
15.90 (.6 26)
15.30 (.6 02)
- B -
12
3
20.30 (.80 0)
19.70 (.77 5)
14.80 (.583 )
14.20 (.559 )
2 .40 (.094)
2 .00 (.079)
2X
2X
5.45 (.21 5)
1 DIM E NS IO N IN G & T O L E RANC IN G
PER ANS I Y1 4 .5 M , 1 9 8 2 .
2 CO NT RO L L IN G DIM E NS IO N : INCH.
3 CO NF O R M S T O J E DE C O U T L IN E
T O -2 4 7 -A C .
1 - G A T E
2 - D R A IN
3 - S O URCE
4 - D R A IN
Dimensions are shown in millimeters (inches)
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.5/01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com