Electronic Components Datasheet Search
  English  ▼

X  

IRFP440 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP440
Description  Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP440 Datasheet(HTML) 1 Page - International Rectifier

  IRFP440 Datasheet HTML 1Page - International Rectifier IRFP440 Datasheet HTML 2Page - International Rectifier IRFP440 Datasheet HTML 3Page - International Rectifier IRFP440 Datasheet HTML 4Page - International Rectifier IRFP440 Datasheet HTML 5Page - International Rectifier IRFP440 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFP440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
1Mb / 8P
Power MOSFET
28-Jul-08
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
Dynamic dv/dt Rating
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
836Kb / 11P
Power MOSFET
24-Jan-2022
logo
Inchange Semiconductor ...
IRFP440 ISC-IRFP440 Datasheet
388Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP440

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840AS IRF-IRF840AS Datasheet
129Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFI840G IRF-IRFI840G Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.6A)
IRFI840GLC IRF-IRFI840GLC Datasheet
225Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com