Electronic Components Datasheet Search
  English  ▼

X  

IRFP460N Datasheet(PDF) 8 Page - International Rectifier

Part # IRFP460N
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.24ohm, Id=20A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP460N Datasheet(HTML) 8 Page - International Rectifier

  IRFP460N Datasheet HTML 1Page - International Rectifier IRFP460N Datasheet HTML 2Page - International Rectifier IRFP460N Datasheet HTML 3Page - International Rectifier IRFP460N Datasheet HTML 4Page - International Rectifier IRFP460N Datasheet HTML 5Page - International Rectifier IRFP460N Datasheet HTML 6Page - International Rectifier IRFP460N Datasheet HTML 7Page - International Rectifier IRFP460N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP460N
8
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 20A, di/dt ≤ 140A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 1.8mH
RG = 25Ω, IAS = 20A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 05/01
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
Part Marking Information
Package Outline
L EAD ASSIG N M E NT S
N O T ES:
- D -
5.30 (.2 09)
4.70 (.1 85)
2.50 ( .0 89)
1.50 ( .0 59)
4
3X
0.8 0 ( .03 1)
0.4 0 ( .01 6)
2.6 0 (.102 )
2.2 0 (.087 )
3 .40 ( .13 3)
3 .00 ( .11 8)
3X
0 .25 ( .01 0) M
C
A S
4.30 (.17 0)
3.70 (.14 5)
- C -
2X
5.50 (.2 1 7 )
4.50 (.1 7 7 )
5.50 (.21 7)
0 .25 ( .010 )
1.40 ( .056 )
1.00 ( .039 )
3.6 5 (.14 3)
3.5 5 (.14 0)
D
M
M
B
- A -
15 .9 0 ( .626 )
15 .3 0 ( .602 )
- B -
12
3
20.3 0 (.800 )
19.7 0 (.775 )
14 .80 (.58 3)
14 .20 (.55 9)
2.4 0 (.094 )
2.0 0 (.079 )
2X
2X
5. 45 (.2 1 5 )
1 DIM E N S IO NING & T O LE RANCING
P E R A N S I Y 14.5M , 1982.
2 CO N TR O L L IN G D IM E NSIO N : INCH.
3 CO N F O R M S TO J E DEC O U TL IN E
TO -247-A C .
1 - G A T E
2 - DRAIN
3 - SO URCE
4 - DRAIN
IN T E RN A T IO NA L
R E C T IF IE R
L O G O
A SSEM BL Y
L O T
C O D E
EXAM P L E : T H IS IS AN IR F P E3 0
W IT H A S S E M B L Y
L O T C O D E 3 A 1 Q
PAR T N U M BER
DA T E C O DE
(Y Y WW)
YY = YEA R
WW W E E K
3 A 1Q
9 302
IR F P E 3 0
A
TO-247AC
TO-247AC
Dimensions are shown in millimeters (inches)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com