Electronic Components Datasheet Search
  English  ▼

X  

IRFPG40 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFPG40
Description  Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPG40 Datasheet(HTML) 1 Page - International Rectifier

  IRFPG40 Datasheet HTML 1Page - International Rectifier IRFPG40 Datasheet HTML 2Page - International Rectifier IRFPG40 Datasheet HTML 3Page - International Rectifier IRFPG40 Datasheet HTML 4Page - International Rectifier IRFPG40 Datasheet HTML 5Page - International Rectifier IRFPG40 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFPG40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFPG40 INTERSIL-IRFPG40 Datasheet
46Kb / 6P
4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFPG40 VISHAY-IRFPG40 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
IRFPG40 VISHAY-IRFPG40 Datasheet
910Kb / 11P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
logo
Vishay Siliconix
IRFPG40PBF VISHAY-IRFPG40PBF Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
More results

Similar Description - IRFPG40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBG20 IRF-IRFBG20 Datasheet
169Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
IRFBG30 IRF-IRFBG30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFNG40 IRF-IRFNG40 Datasheet
212Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=1000V, Rds(on)=3.5ohm, Id=3.9A)
IRFPC30 IRF-IRFPC30 Datasheet
167Kb / 6P
Power MOSFET(Vdsss=600V, Rds(on)=2.2ohm, Id=4.3A)
IRFPG30 IRF-IRFPG30 Datasheet
168Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com