Electronic Components Datasheet Search
  English  ▼

X  

IRFR Datasheet(PDF) 1 Page - International Rectifier

Part # IRFR
Description  Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR Datasheet(HTML) 1 Page - International Rectifier

  IRFR Datasheet HTML 1Page - International Rectifier IRFR Datasheet HTML 2Page - International Rectifier IRFR Datasheet HTML 3Page - International Rectifier IRFR Datasheet HTML 4Page - International Rectifier IRFR Datasheet HTML 5Page - International Rectifier IRFR Datasheet HTML 6Page - International Rectifier IRFR Datasheet HTML 7Page - International Rectifier IRFR Datasheet HTML 8Page - International Rectifier IRFR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFR/U120N
HEXFET® Power MOSFET
S
D
G
VDSS = 100V
RDS(on) = 0.21Ω
ID = 9.4A
Description
5/11/98
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
9.4
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
6.6
A
IDM
Pulsed Drain Current
†
38
PD @TC = 25°C
Power Dissipation
48
W
Linear Derating Factor
0.32
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚†
91
mJ
IAR
Avalanche Current
†
5.7
A
EAR
Repetitive Avalanche Energy
†
4.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.1
RθJA
Junction-to-Ambient (PCB mount) **
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
D -P A K
T O -252 A A
I-P A K
TO -25 1A A
l Surface Mount (IRFR120N)
l Straight Lead (IRFU120N)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using
vapor phase, infrared, or wave soldering techniques.
The straight lead version (IRFU series) is for through-
hole mounting applications. Power dissipation levels
up to 1.5 watts are possible in typical surface mount
applications.
PD - 91365B
www.irf.com
1


Similar Part No. - IRFR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR KERSEMI-IRFR Datasheet
3Mb / 10P
Ultra Low On-Resistance
IRFR KERSEMI-IRFR Datasheet
3Mb / 10P
Surface Mount (IRFR120N)
logo
Vishay Siliconix
IRFR-120 VISHAY-IRFR-120 Datasheet
825Kb / 11P
Power MOSFET
04-Feb-13
logo
International Rectifier
IRFR-U3910 IRF-IRFR-U3910 Datasheet
152Kb / 11P
HEXFET® Power MOSFET
5/11/98
IRFR-U6215 IRF-IRFR-U6215 Datasheet
151Kb / 11P
HEXFET® Power MOSFET
5/11/98
More results

Similar Description - IRFR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com