Electronic Components Datasheet Search
  English  ▼

X  

P568010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P568010
Description  High Speed HDMI Cable, Digital Video with Audio (M-M), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P568010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P568010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P568010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed HDMI Cable, Digital Video with Audio
(M/M), 10-ft.
MODEL NUMBER: P568-010
Description
Tripp Lite's 10-ft. High Speed HDMI (High-Definition Multimedia Interface) Gold Cable allows interconnection
between digital display devices, such as DTV's (Digital Television), Plasma displays, LCD TV's and projectors, to Digital source devices, such as Digital
Set-Top boxes, Blu-Ray players and AV receivers. Supports iPad2 Video Mirroring when used with Apple Digital AV Adapter. HDMI assures that the best
audio/video signal is always sent from the source (HDTV signal, Blu-Ray Player) to the display (Projection Television, LCD, Plasma, etc.). It does this by
allowing uncompressed video and multi-channel audio data to be input to the display device through one single cable. An HDMI connection allows input at
high rates of speed, up to 10.2 Gbps.
Features
Creates a pure digital connection between HDMI-enabled HDTV display devices and HDMI-enabled digital video sources
Supports iPad2 Video Mirroring when used with Apple Digital AV Adapter
Gold-plated connectors provide optimal signal transfer
Premium double-shielded cable protects against outside noise (EMI/RFI)
Impedance-matched twisted-pair construction reduces cross-talk and interference
Bandwidth up to 10.2 Gbps - Full 1080p resolution
Perfect for connecting an iPad2 to an HDTV (video mirroring) to watch movies, play games, surf the web and display presentations
Supports Ultra High Definition (UHD) 4Kx2K video resolutions up to 3840 x 2160
Specifications
General Info
RoHS
Y
OVERVIEW
Highlights
Premium double-shielded digital
audio/video cable
Supports iPad2 Video Mirroring
when used with Apple Digital AV
Adapter
Gold-plated connectors provide
optimal signal transfer
Bandwidth up to 10.2 Gbps - Full
1080p resolution
High Speed HDMI and HDCP
compliant
Supports Ultra High Definition
(UHD) 4Kx2K video resolutions
up to 3840 x 2160
Package Includes
10-ft. High Speed HDMI Gold
Cable
1 / 2


Similar Part No. - P568010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568010FL TRIPPLITE-P568010FL Datasheet
481Kb / 2P
High Speed HDMI Flat Cable, Digital Video with Audio (M-M), 10-ft
P568010SW TRIPPLITE-P568010SW Datasheet
500Kb / 2P
High Speed HDMI Cable with Swivel Connectors,Digital Video with Audio (M-M), 10-ft
More results

Similar Description - P568010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568-003 TRIPPLITE-P568-003 Datasheet
491Kb / 4P
High Speed HDMI Cable, Digital Video with Audio (M/M) 3-ft
P568-006 TRIPPLITE-P568-006 Datasheet
490Kb / 4P
High Speed HDMI Cable, Digital Video with Audio (M/M) 6-ft
P568003 TRIPPLITE-P568003 Datasheet
483Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 3-ft
P568010FL TRIPPLITE-P568010FL Datasheet
481Kb / 2P
High Speed HDMI Flat Cable, Digital Video with Audio (M-M), 10-ft
P568012 TRIPPLITE-P568012 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 12-ft
P568016 TRIPPLITE-P568016 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 16-ft
P568025 TRIPPLITE-P568025 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 25-ft
P568035 TRIPPLITE-P568035 Datasheet
483Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 35-ft
P568050 TRIPPLITE-P568050 Datasheet
483Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 50-ft
P569010 TRIPPLITE-P569010 Datasheet
483Kb / 2P
High Speed HDMI Cable with Ethernet, Digital Video with Audio (M-M), 10-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com